Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE7142 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE7142
Description  SPDT Electromechanical Relay Failsafe Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7142 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE7142 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7142 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7142 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE7142 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE7142 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE7142 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
SPDT Electromechanical Relay Failsafe Switch DC to 18 GHz, SMA, 35 Watts, 12V Control from Pasternack Enterprises has
same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SPDT Electromechanical Relay Failsafe Switch DC to 18 GHz, SMA, 35 Watts, 12V Control
PE7142
URL:
http://www.pasternack.com/sma-electromechanical-spdt-switch-18ghz-35watts-10-14volts-f-pe7142-p.aspx
PE7142 REV 1.1
SPDT Electromechanical Relay Failsafe Switch
DC to 18 GHz, SMA, 35 Watts, 12V Control
Electromechanical Relay Switches Technical Data
PE7142



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com