Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RG160NU Datasheet(PDF) 1 Page - ebm-papst

Part # RG160NU
Description  DC centrifugal fans
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

RG160NU Datasheet(HTML) 1 Page - ebm-papst

  RG160NU Datasheet HTML 1Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
IP68
RA TING
Curves
DC centrifugal fans
Series RG 160 NU 220 x 220 x 56 mm
Highlights:
– Backward curved impeller
– Motor protection against reverse polarity and locking.
– Direction of air flow: axial air intake, centrifugal air exhaust
– Connection via single strands AWG 22, TR 64, bared and tin-plated
– Ingress protection rating of IP68
Material: Impeller: Fiberglass-reinforced composite
Housing: Fiberglass-reinforced composite scroll
Baseplate: Steel
Direction of rotation: Counterclockwise, seen on rotor
Nominal Data
Type
CFM
VDC
VDC
dB(A)
Bel(A)
Watts
RPM
oC
g
RG 160-28/14NU
123.0
24
12...28
-
6.6
Yes
20
2850
-20...55
1430
IP68
Yes
1
RG 160-28/18NU
123.0
48
28...60
-
6.6
Yes
20
2850
-20...70
1430
IP68
Yes
1
[CFM]
V
•
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
020406080100
120
1
21


Similar Part No. - RG160NU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RG160NU ETC2-RG160NU Datasheet
335Kb / 1P
DC centrifugal fans Series RG 160 NU 220 x 220 x 56 mm
More results

Similar Description - RG160NU

ManufacturerPart #DatasheetDescription
logo
ebm-papst
RLF100-1112 EBMPAPST-RLF100-1112 Datasheet
159Kb / 1P
DC centrifugal fans
RL48-1912ML EBMPAPST-RL48-1912ML Datasheet
429Kb / 3P
DC centrifugal fans
RG160-2812NM EBMPAPST-RG160-2812NM Datasheet
404Kb / 3P
DC centrifugal fans
RG125-1912NM EBMPAPST-RG125-1912NM Datasheet
349Kb / 3P
DC centrifugal fans
RER175TDU EBMPAPST-RER175TDU Datasheet
459Kb / 1P
DC centrifugal fans
RER133TD EBMPAPST-RER133TD Datasheet
230Kb / 1P
DC centrifugal fans
RER160NTDU EBMPAPST-RER160NTDU Datasheet
366Kb / 1P
DC centrifugal fans
RG160NTD EBMPAPST-RG160NTD Datasheet
166Kb / 1P
DC centrifugal fans
RG160NTDU EBMPAPST-RG160NTDU Datasheet
349Kb / 1P
DC centrifugal fans
RL90N EBMPAPST-RL90N Datasheet
113Kb / 1P
DC centrifugal fans
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com