Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT5550 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MMBT5550
Description  NPN Plastic Encapsulate Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMBT5550 Datasheet(HTML) 1 Page - Micro Commercial Components

  MMBT5550 Datasheet HTML 1Page - Micro Commercial Components MMBT5550 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMBT555
0
NPN Plastic
Encapsulate
Transistor
SOT-23
Suggested Solder
Pad Layout
Features
•
Collector Current: ICM=0.6A
•
Collector-Base Voltage: V(BR)CBO=160V
•
Operating And Storage Temperatures –55
OC to 150OC
•
Capable of 225mWatts of Power Dissipation
•
Marking: M1F
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.
104
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO *
Collector -Emitter Breakdown Voltage
(IC=1.0mAdc, IB=0)
140
---
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=100uAdc, IE=0)
160
---
Vdc
V(BR)EBO
Emitter-Base Breakdown Voltage
(IE=10uAdc, IC=0)
6.0
---
Vdc
ICBO
Collector Cutoff Current
(VCB=100Vdc, IE=0)
---
0.1
uAdc
IEBO
Emitter Cutoff Current
(VEB=4.0Vdc, IC=0)
---
50
nAdc
ON CHARACTERISTICS
hFE-1
DC Current Gain
(VCE=5.0Vdc, IC=1.0mAdc)
60
---
---
hFE-2
DC Current Gain
(VCE=5.0Vdc, IC=10mAdc)
60
---
250
hFE-3
DC Current Gain
(VCE=5.0Vdc, IC=50mAdc)
20
---
---
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=10mAdc, IB=1.0mAdc)
---
0.15
Vdc
VBE(sat)
Base-Emitter Saturation Voltage
(IC=10mAdc,IB=1.0mAdc)
---
1.0
Vdc
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
K
A
B
C
D
E
F
GH
J
Revision:
A
20
13/11/28
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
TM
Micro Commercial Components
E
B
C
www.mccsemi.com
1 of 2
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1
Halogen free available upon request by adding suffix "-HF"
•
(IC=50mAdc,IB=5.0mAdc)
---
1.2
Vdc
(IC=50mAdc, IB=5.0mAdc)
---
0.25
Vdc
*Pulse test: pulse width <300uS, duty cycle< 2.0%


Similar Part No. - MMBT5550

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
MMBT5550 ZOWIE-MMBT5550 Datasheet
84Kb / 4P
HIGH VOLTAGE TRANSISTOR NPN SILICON
logo
Samsung semiconductor
MMBT5550 SAMSUNG-MMBT5550 Datasheet
74Kb / 2P
NPN (HIGH VOLTAGE TRANSISTOR)
logo
Fairchild Semiconductor
MMBT5550 FAIRCHILD-MMBT5550 Datasheet
105Kb / 6P
NPN General Purpose Amplifier
logo
Weitron Technology
MMBT5550 WEITRON-MMBT5550 Datasheet
321Kb / 5P
High Voltage NPN Transistors
logo
Diotec Semiconductor
MMBT5550 DIOTEC-MMBT5550 Datasheet
98Kb / 2P
Surface Mount General Purpose Si-Epi-Planar Transistors
More results

Similar Description - MMBT5550

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
2SD2098 WEITRON-2SD2098 Datasheet
111Kb / 5P
NPN Plastic-Encapsulate Transistor
logo
SeCoS Halbleitertechnol...
2SD2142 SECOS-2SD2142 Datasheet
218Kb / 2P
NPN Plastic Plastic-Encapsulate Transistor
2SC2883 SECOS-2SC2883 Datasheet
370Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4098 SECOS-2SC4098 Datasheet
83Kb / 1P
NPN Plastic-Encapsulate Transistor
2SC4116 SECOS-2SC4116 Datasheet
172Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4215 SECOS-2SC4215 Datasheet
195Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4373 SECOS-2SC4373 Datasheet
77Kb / 1P
NPN Plastic-Encapsulate Transistor
2SD602 SECOS-2SD602_11 Datasheet
1Mb / 3P
NPN Plastic-Encapsulate Transistor
2SD602 SECOS-2SD602 Datasheet
1Mb / 3P
NPN Plastic-Encapsulate Transistor
BC846W SECOS-BC846W Datasheet
909Kb / 4P
NPN Plastic Encapsulate Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com