Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA300R Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MA300R
Description  Regulated, 3W DIP Single & Dual Output DC/DC Con vert ers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MA300R Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MA300R Datasheet HTML 1Page - MicroPower Direct, LLC MA300R Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Model Selection Guide
Model
Number
Input
Output
Efficiency
(%, Typ)
Capacitive
Load
(µF, Max)
Fuse
Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
MA305S-05R
5.0
4.5 - 5.5
857
90
5.0
600
0.0
70
470
1,500
MA305S-12R
5.0
4.5 - 5.5
769
90
12.0
250
0.0
78
100
1,500
MA305S-15R
5.0
4.5 - 5.5
769
90
15.0
200
0.0
78
100
1,500
MA305D-12R
5.0
4.5 - 5.5
769
90
±12.0
±125
0.0
78
±100
1,500
MA305D-15R
5.0
4.5 - 5.5
769
90
±15.0
±100
0.0
78
±100
1,500
MA312S-05R
12
10.8 - 13.2
338
45
5.0
600
0.0
74
470
750
MA312S-12R
12
10.8 - 13.2
313
45
12.0
250
0.0
80
100
750
MA312S-15R
12
10.8 - 13.2
313
45
15.0
200
0.0
80
100
750
MA312D-12R
12
10.8 - 13.2
309
45
±12.0
±125
0.0
81
±100
750
MA312D-15R
12
10.8 - 13.2
305
45
±15.0
±100
0.0
82
±100
750
MA324S-05R
24
21.6 - 26.4
167
22
5.0
600
0.0
75
470
350
MA324S-12R
24
21.6 - 26.4
156
22
12.0
250
0.0
80
100
350
MA324S-15R
24
21.6 - 26.4
156
22
15.0
200
0.0
80
100
350
MA324D-12R
24
21.6 - 26.4
154
22
±12.0
±125
0.0
81
±100
350
MA324D-15R
48
21.6 - 26.4
152
22
±15.0
±100
0.0
82
±100
350
Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.02 (±0.50)
• Pin 1 is marked by a “dot” or indentation on the side of the unit
Pin
Single
Dual
1+VIN
+VIN
2NC
-VOUT
3
NC
Common
10
-VOUT
Common
11
+VOUT
+VOUT
12
-VIN
-VIN
13
-VIN
-VIN
14
+VOUT
+VOUT
15
-VOUT
Common
22
NC
Common
23
NC
-VOUT
24
+VIN
+VIN
NC: No Connection
Derating Curve
Notes
• All dim
Mechanical Dimensions
Pin Connections
Notes:
1. When measuring output ripple & noise, it is recommended
that an external ceramic capacitor (0.33 µF typ.) be placed
from the +VOUT to the -VOUT pins for single output units and
from each output to common for dual output models.
2. Free air convection is typically 20 LFM. The units should
not be operated in still air (0 LFM).
3. Exceeding the absollute ratings could damage the unit.
4. It is recommended that a fuse be used on the input of a power
supply for protection. See the Model Selection table above for
the correct rating.
g



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com