Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM601 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # SM601
Description  SWITCHING REGULATOR POWER OUTPUT STAGES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SM601 Datasheet(HTML) 1 Page - Microsemi Corporation

  SM601 Datasheet HTML 1Page - Microsemi Corporation SM601 Datasheet HTML 2Page - Microsemi Corporation SM601 Datasheet HTML 3Page - Microsemi Corporation SM601 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
••••• Equivalent to the Unitrode PIC 600, 601, 602, 610, 611,
612
••••• 5A current capability
••••• Designed and characterized for switching regulator
applications such as Buck, Boost, and Buck-Boost
type
••••• Cost saving design reduces size, improves efficiency,
reduces noise and RFI
••••• High operating efficiency at 2A typical performance -
Rise and fall time < 75ns
Efficiency > 85%
••••• Electrically isolated, 4-pin, TO-66 hermetic case
HIGH RELIABILITY FEATURES
♦
♦
♦
♦
♦ Available with high reliability processing
DESCRIPTION
The SM600/601/602 and SM610/611/612 series of Power Output
Stages are especially designed to be driven with standard PWM
integrated circuits to form an efficient switching power supply.
The SM600, SM601 and SM602 are optimized for non-isolated
Buck and Buck-Boost application, where SM610, SM611 and
SM612 are best suited for DC-DC Boost type applications as well
as negative output Buck Converters. The hybrid circuit construc-
tion utilizes thick film resistors on a beryllia substrate for maxi-
mum thermal conductivity and resultant low thermal impedance.
All of the active elements in the hybrid are fully passivated.
SM600/SM601/SM602
SM610/SM611/SM612
FUNCTIONAL DIAGRAM
SM600/SM601/SM602/
SM610/SM611/SM612
SWITCHING REGULATOR POWER OUTPUT STAGES
4/90 Rev 1.1 2/94
LINFINITY Microelectronics Inc.
Copyright
© 1994
11861 Western Avenue
∞
∞
∞
∞
∞ Garden Grove, CA 92841
1
(714) 898-8121
∞
∞
∞
∞
∞ FAX: (714) 893-2570


Similar Part No. - SM601

ManufacturerPart #DatasheetDescription
logo
Silicon Motion Technolo...
SM601 SILICONMOTION-SM601 Datasheet
2Mb / 2P
Single-Chip SSD
202106
logo
Sharp Corporation
SM6010 SHARP-SM6010 Datasheet
25Kb / 2P
16-Bit Single- Chip Microcomputer
logo
Solid State Optronic
SM6010 SSOUSA-SM6010 Datasheet
223Kb / 7P
Built in active discharge circuit for fast turn-off
logo
Solid State Inc
SM6010 SOLIDSTATE-SM6010 Datasheet
234Kb / 7P
Compact 6 pin DIP/SMD package
logo
Nippon Precision Circui...
SM6011 NPC-SM6011 Datasheet
210Kb / 8P
High-speed Data Converter
More results

Similar Description - SM601

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BD157 FAIRCHILD-BD157 Datasheet
38Kb / 4P
Low Power Fast Switching Output Stages
logo
Sanken electric
STRS6513 SANKEN-STRS6513 Datasheet
72Kb / 6P
OFF-LINE SWITCHING REGULATOR - WITH POWER MOSFET OUTPUT
logo
Allegro MicroSystems
STRM6511 ALLEGRO-STRM6511 Datasheet
72Kb / 6P
OFF-LINE SWITCHING REGULATOR WITH POWER MOSFET OUTPUT
logo
Micro Electronics
SM627 MICRO-ELECTRONICS-SM627 Datasheet
56Kb / 4P
SWITCHING REGULATOR POWER OUTPUT STAGES
logo
Rohm
BA6149LS ROHM-BA6149LS Datasheet
146Kb / 2P
6-OUTPUT SWITCHING REGULATOR
logo
Microsemi Corporation
SM645 MICROSEMI-SM645 Datasheet
56Kb / 4P
SWITCHING REGULATOR POWER OUTPUT STAGES
logo
Fairchild Semiconductor
BC33725TA FAIRCHILD-BC33725TA Datasheet
33Kb / 3P
Suitable for AF-Driver stages and low power output stages
BC80725MTF FAIRCHILD-BC80725MTF Datasheet
77Kb / 6P
Suitable for AF-Driver stages and low power output stages
logo
Infineon Technologies A...
BCX54 INFINEON-BCX54_11 Datasheet
526Kb / 8P
For AF driver and output stages
2011-09-19
logo
Shanghai Leiditech Elec...
BCP54 LEIDITECH-BCP54 Datasheet
1,000Kb / 4P
For AF driver and output stages
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com