Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MI1000RW Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # MI1000RW
Description  Compact, 1 x 1 Inch 10W, 2:1 Input Range DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MI1000RW Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  MI1000RW Datasheet HTML 1Page - MicroPower Direct, LLC MI1000RW Datasheet HTML 2Page - MicroPower Direct, LLC MI1000RW Datasheet HTML 3Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.micropowerdirect.com
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
Key Features:
10W Output Power
2:1 Input Voltage Range
Compact 1 x 1 Inch Case
1,500 VDC Isolation
21 Standard Models
High Efficiency
Wide Temp Operation
Industry Standard Pin-Out
MI1000RW
Compact, 1 x 1 Inch
10W, 2:1 Input Range
DC/DC Converters
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
Series
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Start Voltage
12 VDC Input
9.0
VDC
24 VDC Input
18.0
48 VDC Input
36.0
Undervoltage Shutdown
12 VDC Input
8.5
VDC
24 VDC Input
17
48 VDC Input
34
Input Filter
(Pi) Filter
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±2.0
%
Output Voltage Balance
Dual Output, Balanced Loads
±2.0
%
Line Regulation, VIN = Min to Max
±1.0
%
Load Regulation, Min Load to Full Load
Single Output
±0.5
%
Dual Output
±1.0
Ripple & Noise, See Note 2
3.3 & 5.0 VOUT
80
mV P - P
Other Outputs
100
Transient Recovery Time, See Note 3
25% Load Step Change
300
µSec
Transient Response Deviation
±3.0
±5.0
%
Temperature Coefficient
±0.01
±0.02
%/°C
Output Power Protection
See Note 4
110
150
%
Output Short Circuit, See Note 5
Continuous (Autorecovery)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds 1,500
VDC
1 Second 1,800
Isolation Resistance
500 VDC 1,000
M
Isolation Capacitance
100 kHz, 1V
2,000
pF
Switching Frequency
330
kHz
EMI Characteristics
Parameter
Standard
Criteria
Level
Conducted Emissions
EN 55032
Class A
ESD
EN 61000-4-2
A
±8 kV Air
A
±6 kV Contact
RS
EN 61000-4-3
A
10V/m
EFT, See Note 6
EN 61000-4-4
A
±2 kV
Surge, See Note 6
EN 61000-4-5
A
±1 kV
CS
EN 61000-4-6
A
10 Vrms
PFMF
EN 61000-4-8
A
3A/m
Environmental
Parameter
Conditions
Min.
Typ
Max.
Units
Operating Temperature Range
See Page 4
-40
+25
+80
°C
Case
+100
°C
Storage Temperature Range
-50
+125
°C
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
See Mechanical Diagrams (Page 3)
Case Material
Metal with Non-Conductive Base
Weight
Without Heatsink
0.58 Oz (16.5g)
With Heatsink
0.65 Oz (18.5g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign 2.596
MHours
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
12 VDC Input
25.0
VDC
24 VDC Input
50.0
48 VDC Input
100.0
Lead Temperature
1.5 mm From Case For 10 Sec
260.0
°C
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.


Similar Part No. - MI1000RW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MI1000ERU MPD-MI1000ERU Datasheet
1,003Kb / 4P
Wide 4:1 Input, 10W Miniature 1 x 1 DC/DC Converters
More results

Similar Description - MI1000RW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
B1000ERW MPD-B1000ERW Datasheet
200Kb / 2P
Low Cost 1 x 2 Inch 10W Wide Input Range DC/DC Converters
B1000RW MPD-B1000RW Datasheet
74Kb / 2P
Compact 1 x 2 Inch 10W Wide Input Range DC/DC Converters
B1500ERW MPD-B1500ERW Datasheet
233Kb / 2P
Low Cost, 1 x 2 Inch 15W, 2:1 Input Range DC/DC Converters
B1500RW MPD-B1500RW Datasheet
265Kb / 2P
Compact 1 x 2 Inch 15W Wide Input Range DC/DC Converters
B3000RW MPD-B3000RW Datasheet
270Kb / 2P
Compact 1 x 2 Inch 30W Wide Input Range DC/DC Converters
MI2500RW MPD-MI2500RW Datasheet
809Kb / 4P
Compact, 25W, 2:1 Input Range DC/DC Converters
MI2500RW MPD-MI2500RW_17 Datasheet
924Kb / 8P
Compact, 1 x 1 Inch 25W, 2:1 Input Range DC/DC Con vert ers
MB1500ERU MPD-MB1500ERU Datasheet
722Kb / 4P
Low Cost, 1 x 2 Inch 15W, 4:1 Input Range DC/DC Converters
MI1000ERU MPD-MI1000ERU Datasheet
1,003Kb / 4P
Wide 4:1 Input, 10W Miniature 1 x 1 DC/DC Converters
MI1500RW MPD-MI1500RW Datasheet
591Kb / 5P
Compact, 1 x 1 Inch 15W, 2:1 Input Range DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com