Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTPL-P033AS50-LTK Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # LTPL-P033AS50-LTK
Description  Specific Lighting
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-P033AS50-LTK Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  LTPL-P033AS50-LTK Datasheet HTML 1Page - Lite-On Technology Corporation LTPL-P033AS50-LTK Datasheet HTML 2Page - Lite-On Technology Corporation LTPL-P033AS50-LTK Datasheet HTML 3Page - Lite-On Technology Corporation LTPL-P033AS50-LTK Datasheet HTML 4Page - Lite-On Technology Corporation LTPL-P033AS50-LTK Datasheet HTML 5Page - Lite-On Technology Corporation LTPL-P033AS50-LTK Datasheet HTML 6Page - Lite-On Technology Corporation LTPL-P033AS50-LTK Datasheet HTML 7Page - Lite-On Technology Corporation LTPL-P033AS50-LTK Datasheet HTML 8Page - Lite-On Technology Corporation LTPL-P033AS50-LTK Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
3/14 PartNo.:LTPL-P033AS50-LTK
BNS-OD-FC002/A4
Specific lighting
LTPL-P033AS50-LTK
Electro-Optical Characteristics at Ta=25°C
Generation 3
Parameter
Symbol
MIN.
TYP.
MAX.
Test Condition
Unit
Forward Voltage
VF
5.4
5.7
6.0
IF= 180mA
V
Reverse Current
IR
--
--
100
VR = 5V
μA
Luminous Flux
Φ
V
166
--
200
IF= 180mA
lm
Color Rendering Index
CRI
70
--
--
IF= 180mA
Chromaticity Coordinates
X
--
0.3452
--
IF= 180mA
Y
--
0.3558
--
IF= 180mA
Correlated Color Temperature
CCT
--
5000
--
IF= 180mA
Notes
1. Luminous flux is the total luminous flux output as measured with an integrating sphere.
2. Iv (flux
Φ
v) classification code is marked on each packing bag.
3. The chromaticity coordinates (x, y) is derived from the 1931 CIE chromaticity diagram.
4. Caution in ESD:
Static Electricity and surge damages the LED. It is recommended using a wrist band or
anti-electrostatic glove when handling the LED. All devices, equipment and machinery must be
properly grounded.
5. CAS-140B is the test standard for the chromaticity coordinates (x, y) &
Φ
V. & Voltage.
6. The chromaticity coordinates (x, y) guarantee should be added +/- 0.01 tolerance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com