Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTPL-U06UVC280GL Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # LTPL-U06UVC280GL
Description  Specific Lighting
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-U06UVC280GL Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  LTPL-U06UVC280GL Datasheet HTML 1Page - Lite-On Technology Corporation LTPL-U06UVC280GL Datasheet HTML 2Page - Lite-On Technology Corporation LTPL-U06UVC280GL Datasheet HTML 3Page - Lite-On Technology Corporation LTPL-U06UVC280GL Datasheet HTML 4Page - Lite-On Technology Corporation LTPL-U06UVC280GL Datasheet HTML 5Page - Lite-On Technology Corporation LTPL-U06UVC280GL Datasheet HTML 6Page - Lite-On Technology Corporation LTPL-U06UVC280GL Datasheet HTML 7Page - Lite-On Technology Corporation LTPL-U06UVC280GL Datasheet HTML 8Page - Lite-On Technology Corporation LTPL-U06UVC280GL Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
3/14
Part No. : LTPL- U06UVC280GL
BNS-OD-FC002/A4
Specific Lighting
LTPL-U06UVC280GL
4. Electro-Optical Characteristics at Ta=25°C
Parameter
Symbol
Values
Test Condition
Unit
Forward Voltage
Vf
Max.
7.5
If = 20mA
V
Typ.
6.2
Min.
4.4
Radiant Flux
Φe
Max.
3.8
If = 20mA
mW
Typ.
2.4
Min.
1.4
Peak Wavelength
Wp
Max
290
If = 20mA
nm
Min
270
Viewing Angle
2θ1/2
Typ.
125
If = 20mA
°
Thermal Resistance
(Junction-solder point)
Rth j-s
Typ.
35
If = 20mA
K/W
Notes:
1.
Radiant flux (Φe) is the total Radiant flux output as measured with an integrating sphere.
2.
Forward voltage(Vf) measurement tolerance is ± 0.1V
3.
Peak Wavelength measurement tolerance is ± 3nm
4.
Forward Radiant Flux measurement tolerance is ± 10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com