Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH4715 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SFH4715
Description  OSLON Black Series
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4715 Datasheet(HTML) 5 Page - OSRAM GmbH

  SFH4715 Datasheet HTML 1Page - OSRAM GmbH SFH4715 Datasheet HTML 2Page - OSRAM GmbH SFH4715 Datasheet HTML 3Page - OSRAM GmbH SFH4715 Datasheet HTML 4Page - OSRAM GmbH SFH4715 Datasheet HTML 5Page - OSRAM GmbH SFH4715 Datasheet HTML 6Page - OSRAM GmbH SFH4715 Datasheet HTML 7Page - OSRAM GmbH SFH4715 Datasheet HTML 8Page - OSRAM GmbH SFH4715 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Version 1.5
SFH 4715
2016-01-29
5
Permissible Pulse Handling Capability
IF = f (tp), TS = 85 °C, Duty cycle D = parameter
Radiation Characteristics 1) page 13
Irel = f(ϕ), TA= 25°C
10
10
0
-2
-3
-4
-5
10
10
10
F
I
A
P
t
=
D
T
2
1
0
-1 10
tp
10 s 10
OHF05031
T
t
P
IF
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.5
0.05
0.2
0.1
0.02
0.01
=
0.005
D
1
0.5
OHL04470
0˚
20˚
40˚
60˚
80˚
100˚
120˚
0.4
0.6
0.8
1.0
100˚
90˚
80˚
70˚
60˚
50˚
0˚
10˚
20˚
30˚
40˚
0
0.2
0.4
0.6
0.8
1.0
ϕ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com