Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML100MRI4 Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # ML100MRI4
Description  Medical Approved Compact SMT, 1W DC/DC Con vert ers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

ML100MRI4 Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  ML100MRI4 Datasheet HTML 1Page - MicroPower Direct, LLC ML100MRI4 Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Model Selection Guide
Mechanical Dimensions
Mechanical Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.01 (±0.25)
Notes:
1. The specified maximum capacitive load is for each output.
2. When measuring output ripple, it is recommended that an external 0.47 µF ceramic
capacitor be placed from the +VOUT pin to the -VOUT pin for single output units and
from each output to common for dual output units. For noise sensitive applications,
the use of 3.3 µF capacitors will reduce the output ripple.
3
Contact the factory for required filter components.
4. Any units that are not packaged in a vacuum sealed container should be stored in a
controlled environment. Contact the factory for more information.
5. The recommended reflow settings are a peak temperature of 245 °C for a maxi-
mum period (TPK) of 10S and a time above liquidous (TL) of <60 seconds at 217 °C.
For more information, please contact the factory.
6. Operation at no-load will not damage these units. However, they may not meet
all specifications.
7. Dual output units may be connected to provide a 24 VDC or 30 VDC output. To do
this, connect the load across the positive (+VOUT) and negative (-VOUT) outputs and
float the output common.
8. The converter should be connected to a low ac-impedance source. An input source
with a highly inductive impedance may affect the stability of the converter. In appli-
cations where the converter output loading is high and input power is supplied over
long lines, it may be necessary to use a capacitor on the input to insure start-up.
In this case, it is recommended that a low ESR (ESR <1.0
 at 100 kHz) capacitor
be mounted close to the converter. For 5V input units a 2.2 µF is recommended,
for 12V input units, a 1.0 µF; and for 24V units a 0.47 µF.
9. It is recommended that a fuse be used on the input of a power supply for protection.
See the table above for the correct rating.
Model
Number
Input
Output
Capacitive
Load
(µF, Max)
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load
No-Load
ML105SM-05RI4
5
4.50 - 5.50
263
50
5.0
200.0
4.0
220
76
600
ML105SM-12RI4
5
4.50 - 5.50
252
50
12.0
84.0
1.68
220
80
600
ML105SM-15RI4
5
4.50 - 5.50
246
50
15.0
68.0
1.36
220
83
600
ML105DM-12RI4
5
4.50 - 5.50
252
50
±12.0
±42.0
±0.84
100
80
600
ML105DM-15RI4
5
4.50 - 5.50
236
50
±15.0
±33.0
±0.66
100
84
600
ML112SM-05RI4
12
10.8 - 13.2
110
35
5.0
200.0
4.0
220
76
250
ML112SM-12RI4
12
10.8 - 13.2
106
35
12.0
84.0
1.68
220
79
250
ML112SM-15RI4
12
10.8 - 13.2
106
35
15.0
68.0
1.36
220
80
250
ML112DM-12RI4
12
10.8 - 13.2
106
35
±12.0
±42.0
±0.84
100
79
250
ML112DM-15RI4
12
10.8 - 13.2
103
35
±15.0
±33.0
±0.66
100
80
250
ML124SM-05RI4
24
21.6 - 26.4
55
20
5.0
200.0
4.0
220
76
125
ML124SM-12RI4
24
21.6 - 26.4
53
20
12.0
84.0
1.68
220
80
125
ML124SM-15RI4
24
21.6 - 26.4
53
20
15.0
68.0
1.36
220
80
125
ML124DM-12RI4
24
21.6 - 26.4
53
20
±12.0
±42.0
±0.84
100
80
125
ML124DM-15RI4
24
21.6 - 26.4
52
20
±15.0
±33.0
±0.66
100
80
125
Pin
Single
1-VIN
6NC
7NC
8+VOUT
9-VOUT
14
+VIN
Pin
Dual
1-VIN
6
Common
7-VOUT
8+VOUT
9
Common
14
+VIN
NC = No Connection
Pin Connections
Derating Curve
Solder Layout
y



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com