Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1202 Datasheet(PDF) 3 Page - Anachip Corp

Part # AP1202
Description  Dual USB High-Side Power Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1202 Datasheet(HTML) 3 Page - Anachip Corp

  AP1202 Datasheet HTML 1Page - Anachip Corp AP1202 Datasheet HTML 2Page - Anachip Corp AP1202 Datasheet HTML 3Page - Anachip Corp AP1202 Datasheet HTML 4Page - Anachip Corp AP1202 Datasheet HTML 5Page - Anachip Corp AP1202 Datasheet HTML 6Page - Anachip Corp AP1202 Datasheet HTML 7Page - Anachip Corp AP1202 Datasheet HTML 8Page - Anachip Corp AP1202 Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AP1202
Dual USB High-Side Power Switch
Anachip Corp.
www.anachip.com.tw
Rev 0.4 Feb.10, 2004
3/11
Operating Ratings (Note 2)
Symbol
Parameter
Rating
Unit
VIN
Supply Voltage
+2.7 to +5.5
V
TA
Ambient Operating Temperature
-40 to +85
oC
ΘJA
Thermal Resistance SOIC
120
oC/W
ΘJA
Thermal Resistance DIP
100
oC/W
Electrical Characteristics (Under Operating Conditions) V
IN=+5V; TA=25
oC; unless noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
switch off, OUT = open (Note 4)
0.50
5
µA
ICC
Supply Current
all switches on, OUT = open
(Note 4)
110
160
µA
VIT
Enable Input Threshold
(Note 4)
0.8
1.7
2.40
V
IEN
Enable Input Current
VEN =0V to 5.5V
-1
±
0.01
1
µA
CEN
Enable Input Capacitance
1
pF
RDS(ON)
Switch Resistance
VIN =2.7V ~ 5.5V, IOUT =500mA,
each switch
110
140
mΩ
TOND
Output Turn-On Delay
RL =10Ω each output
30
µS
TR
Output Turn-On Rise Time
RL =10Ω each output
1
mS
TOFFD
Output Turnoff Delay
RL =10Ω each output
0.5
10
µS
TF
Output Turnoff Fall Time
RL =10Ω each output
0.5
10
µS
ILEAK
Output Leakage Current
each output (output disabled)
10
µA
IOUT
Continuous Load Current
each output
0.6
A
IOS
Short-circuit Current Limit
Each output (enable into load),
0.50
0.6
0.7
A
ILIM
Current-Limit Threshold
Ramped load applied to
enabled output
0.60
0.75
0.90
A
TJ increasing
140
oC
TTS
Over-temperature
Shutdown Threshold
TJ decreasing
130
oC
VIN = 5V, IL = 10mA
10
25
Ω
RFO
Error Flag Output
Resistance
VIN = 3.3V, IL = 10mA
15
40
Ω
IFOH
Error Flag Off Current
VFLAG = 5V
0.01
1
µA
VIN = increasing
2.5
V
UVLO
UVLO Threshold
VIN = decreasing
2.3
V
Note 1. Exceeding the absolute maximum rating may damage the device.
Note 2. The device is not guaranteed to function outside its operating rating.
Note 3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
Note 4. Off is VEN≦0.8Vand on is VEN≧2.4V for the AP1202H. Off is VEN≧2.4V and on is VEN≦0.8V for the AP1202L.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com