Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS21H Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BAS21H
Description  Single high-voltage switching diode in small SOD123F package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAS21H Datasheet(HTML) 1 Page - NXP Semiconductors

  BAS21H Datasheet HTML 1Page - NXP Semiconductors BAS21H Datasheet HTML 2Page - NXP Semiconductors BAS21H Datasheet HTML 3Page - NXP Semiconductors BAS21H Datasheet HTML 4Page - NXP Semiconductors BAS21H Datasheet HTML 5Page - NXP Semiconductors BAS21H Datasheet HTML 6Page - NXP Semiconductors BAS21H Datasheet HTML 7Page - NXP Semiconductors BAS21H Datasheet HTML 8Page - NXP Semiconductors BAS21H Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1.
Product profile
1.1 General description
Single high-voltage switching diode, encapsulated in a SOD123F small and flat lead SMD
plastic package.
1.2 Features
s Small and flat lead SMD plastic package
s Continuous reverse voltage:
≤ 200 V
1.3 Applications
s General-purpose switching
1.4 Quick reference data
[1]
When switched from IF = 30 mA to IR = 30 mA; RL = 100 Ω; measured at IR = 3 mA
BAS21H
Single high-voltage switching diode in small SOD123F
package
Rev. 01 — 11 April 2005
Product data sheet
Table 1:
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IF
forward current
-
-
200
mA
VR
reverse voltage
-
-
200
V
trr
reverse recovery time
[1] --50
ns


Similar Part No. - BAS21H

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
BAS21H WEITRON-BAS21H Datasheet
327Kb / 3P
Surface Mount Switching Diode
logo
NXP Semiconductors
BAS21H NXP-BAS21H Datasheet
64Kb / 10P
Single high-voltage switching diode
Rev. 02 - 3 November
logo
SeCoS Halbleitertechnol...
BAS21H SECOS-BAS21H Datasheet
136Kb / 2P
Surface Mount Switching Diode
logo
Shenzhen Luguang Electr...
BAS21H LUGUANG-BAS21H Datasheet
217Kb / 2P
High Voltage Switching Diodes
logo
WILLAS ELECTRONIC CORP
BAS21H WILLAS-BAS21H Datasheet
315Kb / 3P
200mA Surface Mount Switching Diode-250V
More results

Similar Description - BAS21H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZT52H PHILIPS-BZT52H Datasheet
289Kb / 10P
Single Zener diodes in a SOD123F package
Rev. 01-22 December 2005
BAS40H PHILIPS-BAS40H Datasheet
58Kb / 8P
General-purpose Schottky diode in small SOD123F package
Rev. 01-25 April 2005
BAS16H PHILIPS-BAS16H Datasheet
55Kb / 10P
High-speed switching diode in SOD123F package
Rev. 01-15 April 2005
BAS116H PHILIPS-BAS116H Datasheet
51Kb / 9P
75 V, low leakage diode in small SOD123F package
Rev. 01-11 April 2005
BAT54H PHILIPS-BAT54H Datasheet
48Kb / 8P
Schottky barrier single diode in small SOD123F package
Rev. 01-7 April 2005
BZT52H NXP-BZT52H_10 Datasheet
126Kb / 13P
Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
BZT52H-B39 PHILIPS-BZT52H-B39 Datasheet
137Kb / 13P
Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
BZT52H-C20 PHILIPS-BZT52H-C20 Datasheet
126Kb / 13P
Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
BAT54H PHILIPS-BAT54H_15 Datasheet
143Kb / 8P
Schottky barrier single diode in small SOD123F package
25 July 2012
logo
Nexperia B.V. All right...
BAT54H NEXPERIA-BAT54H Datasheet
1Mb / 8P
Schottky barrier single diode in small SOD123F package
25 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com