Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA10302 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FA10302
Description  Rose Assembly
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FA10302 Datasheet(HTML) 1 Page - Ledil, Inc.

  FA10302 Datasheet HTML 1Page - Ledil, Inc. FA10302 Datasheet HTML 2Page - Ledil, Inc. FA10302 Datasheet HTML 3Page - Ledil, Inc. FA10302 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT DATASHEET
Rose series
last update 16/12/2013
DETAILS
Product Number
FA10302_OSS-O
Family
Rose
Type
Assembly
Color
white
Diameter
21,6 + 21,6 mm
Height
13,9 mm
Style
square
Optic Material
PC
Holder Material
Fastening
tape
Status
production ready
ROHS Compliant
Yes
Date Updated
16/12/2013
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
Golden Dragon+
42+11 deg
Oval
86 %
4.200
-
January 31st 2018 2:13 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - FA10302

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FA10302 LEDIL-FA10302 Datasheet
3Mb / 4P
~45째 x 15째 oval beam optimized for Osram Golden Dragon . Assembly with white holder.
FA10302 LEDIL-FA10302_18 Datasheet
3Mb / 4P
~45째 x 15째 oval beam optimized for Osram Golden Dragon . Assembly with white holder.
logo
List of Unclassifed Man...
FA10302_OSS-O ETC2-FA10302_OSS-O Datasheet
1Mb / 4P
OSS SQUARE lenses for Osram Dragon LEDs
More results

Similar Description - FA10302

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA10561 LEDIL-CA10561 Datasheet
230Kb / 4P
Rose Assembly
CA10569 LEDIL-CA10569 Datasheet
239Kb / 4P
Rose Assembly
CA13614 LEDIL-CA13614 Datasheet
365Kb / 4P
Rose Assembly
FA10327 LEDIL-FA10327 Datasheet
241Kb / 4P
Rose Assembly
FA10342 LEDIL-FA10342 Datasheet
76Kb / 2P
Rose Assembly
FA10903 LEDIL-FA10903 Datasheet
200Kb / 4P
Rose Assembly
FCA14961 LEDIL-FCA14961 Datasheet
279Kb / 4P
Rose Assembly
FCA14405 LEDIL-FCA14405 Datasheet
325Kb / 9P
Rose Assembly
FCA14464 LEDIL-FCA14464 Datasheet
290Kb / 8P
Rose Assembly
FA10300 LEDIL-FA10300 Datasheet
222Kb / 4P
Rose Assembly
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com