Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

368317 Datasheet(PDF) 1 Page - Lumberg

Part # 368317
Description  RAST 5 connectors, pitch 5.0 mm
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

368317 Datasheet(HTML) 1 Page - Lumberg

  368317 Datasheet HTML 1Page - Lumberg 368317 Datasheet HTML 2Page - Lumberg 368317 Datasheet HTML 3Page - Lumberg 368317 Datasheet HTML 4Page - Lumberg 368317 Datasheet HTML 5Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
36 3683
01/2018
1
RAST 5 connectors, pitch 5.0 mm
Combined RAST 5 tab and socket board, angular, free to
configure with partitions and neutral and/or protective
conductor bridge in insulation displacement technology
(IDT)
State: Active
Approvals:
PS
Q
K
U A
R
L
A
I
M
T Y
E N
E C
MAT
R
I
I
O
F
N
N
D
O
E
C
L
E
A
D
F
N
A
O
B
IT
of 5


Similar Part No. - 368317

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3683 BOURNS-3683 Datasheet
172Kb / 2P
Precision Potentiometer
logo
Lumberg
3683 LUMBERG-3683 Datasheet
117Kb / 2P
RAST-5-Steckverbinder, Raster 5,0 mm
logo
Bourns Electronic Solut...
3683 BOURNS-3683 Datasheet
178Kb / 2P
3680 Family - Precision Potentiometer
3683 BOURNS-3683 Datasheet
123Kb / 2P
Precision Potentiometer
logo
Heyco.
3683 HEYCO-3683 Datasheet
108Kb / 1P
Nylon PCB Supports - Stackable Self-Retaining Spacers
More results

Similar Description - 368317

ManufacturerPart #DatasheetDescription
logo
Lumberg
3615-1 LUMBERG-3615-1 Datasheet
591Kb / 4P
RAST 5 connectors, pitch 5.0 mm
3628 LUMBERG-3628_18 Datasheet
356Kb / 4P
RAST 5 connectors, pitch 5.0 mm
3628-1 LUMBERG-3628-1_18 Datasheet
634Kb / 4P
RAST 5 connectors, pitch 5.0 mm
3644V167 LUMBERG-3644V167 Datasheet
518Kb / 3P
RAST 5 connectors, pitch 5.0 mm
3647 LUMBERG-3647_18 Datasheet
524Kb / 4P
RAST 5 connectors, pitch 5.0 mm
3647-1 LUMBERG-3647-1_18 Datasheet
457Kb / 3P
RAST 5 connectors, pitch 5.0 mm
3679 LUMBERG-3679_18 Datasheet
510Kb / 4P
RAST 5 connectors, pitch 5.0 mm
361899 LUMBERG-361899 Datasheet
574Kb / 3P
RAST 5 connectors, pitch 5.0 mm
364399 LUMBERG-364399 Datasheet
525Kb / 3P
RAST 5 connectors, pitch 5.0 mm
367399 LUMBERG-367399 Datasheet
430Kb / 4P
RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com