Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC5574IDGS Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5574IDGS
Description  QUAD, 8-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL TO ANALOG CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5574IDGS Datasheet(HTML) 2 Page - Texas Instruments

  DAC5574IDGS Datasheet HTML 1Page - Texas Instruments DAC5574IDGS Datasheet HTML 2Page - Texas Instruments DAC5574IDGS Datasheet HTML 3Page - Texas Instruments DAC5574IDGS Datasheet HTML 4Page - Texas Instruments DAC5574IDGS Datasheet HTML 5Page - Texas Instruments DAC5574IDGS Datasheet HTML 6Page - Texas Instruments DAC5574IDGS Datasheet HTML 7Page - Texas Instruments DAC5574IDGS Datasheet HTML 8Page - Texas Instruments DAC5574IDGS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
www.ti.com
A1
A0
1
2
3
4
5
6
7
8
10
9
VOUTA
VOUTB
GND
VOUTC
VOUTD
VDD
SDA
SCL
DAC5574
.
ABSOLUTE MAXIMUM RATINGS
(1)
DAC5574
SLAS407 – DECEMBER 2003
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated
circuits be handled with appropriate precautions. Failure to observe proper handling and installation
procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision
integrated circuits may be more susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
PRODUCT
PACKAGE
PACKAGE
SPECIFICATION
PACKAGE
ORDERING
TRANSPORT MEDIA
DRAWING
TEMPERATURE
MARKING
NUMBER
NUMBER
RANGE
DAC5574
10-MSOP
DGS
–40
°C TO +105°C
D574
DAC5574IDGS
80 Piece Tube
DAC5574IDGSR
2500 Piece Tape and Reel
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
DGS PACKAGE
PIN DESCRIPTIONS
(TOPVIEW)
PIN
NAME
DESCRIPTION
1
VOUTA
Analog output voltage from DAC A
2
VOUTB
Analog output voltage from DAC B
Ground reference point for all circuitry on the
3
GND
part
4
VOUTC
Analog output voltage from DAC C
5
VOUTD
Analog output voltage from DAC D
6
SCL
Serial clock input
7
SDA
Serial data input and output
8
VDD
Analog voltage supply input
9
A0
Device address select - I2C
10
A1
Device address select - I2C
VDD to GND
–0.3 V to +6 V
Digital input voltage to GND
–0.3 V to VDD + 0.3 V
VOUT to GND
–0.3 V to VDD + 0.3 V
Operating temperature range
–40
°C to +105°C
Storage temperature range
–65
°C to +150°C
Junction temperature range (TJ max)
+150
°C
Power dissipation:
Thermal impedance (
ΘJA)
270
°C/W
Thermal impedance (
ΘJC)
77
°C/W
Lead temperature, soldering:
Vapor phase (60s)
215
°C
Infrared (15s)
220
°C
(1)
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to absolute
maximum conditions for extended periods may affect device reliability.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com