Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7554IDGS Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7554IDGS
Description  12-BIT, QUAD, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7554IDGS Datasheet(HTML) 1 Page - Texas Instruments

  DAC7554IDGS Datasheet HTML 1Page - Texas Instruments DAC7554IDGS Datasheet HTML 2Page - Texas Instruments DAC7554IDGS Datasheet HTML 3Page - Texas Instruments DAC7554IDGS Datasheet HTML 4Page - Texas Instruments DAC7554IDGS Datasheet HTML 5Page - Texas Instruments DAC7554IDGS Datasheet HTML 6Page - Texas Instruments DAC7554IDGS Datasheet HTML 7Page - Texas Instruments DAC7554IDGS Datasheet HTML 8Page - Texas Instruments DAC7554IDGS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
Input
Register
Input
Register
Input
Register
Input
Register
DAC
Register
DAC
Register
DAC
Register
DAC
Register
String
DAC A
String
DAC B
String
DAC C
String
DAC D
Interface
Logic
Power-On
Reset
Power-Down
Logic
Buffer
Buffer
Buffer
Buffer
VDD
REFIN
SCLK
SYNC
DIN
GND
VOUTA
VOUTB
VOUTC
VOUTD
DAC7554
DAC7554
SLAS399A – OCTOBER 2004 – REVISED NOVEMBER 2004
12-BIT, QUAD, ULTRALOW GLITCH, VOLTAGE OUTPUT
DIGITAL-TO-ANALOG CONVERTER
•
2.7-V to 5.5-V Single Supply
The DAC7554 is a quad-channel, voltage-output DAC
with exceptional linearity and monotonicity. Its pro-
•
12-Bit Linearity and Monotonicity
prietary architecture minimizes undesired transients
•
Rail-to-Rail Voltage Output
such as code to code glitch and channel to channel
•
Settling Time: 5 µs (Max)
crosstalk. The low-power DAC7554 operates from a
•
Ultralow Glitch Energy: 0.1 nVs
single 2.7-V to 5.5-V supply. The DAC7554 output
amplifiers can drive a 2-k
Ω, 200-pF load rail-to-rail
•
Ultralow Crosstalk: –100 dB
with 5-µs settling time; the output range is set using
•
Low Power: 880 µA (Max)
an external voltage reference.
•
Per-Channel Power Down: 2 µA (Max)
The 3-wire serial interface operates at clock rates up
•
Power-On Reset to Zero Scale
to 50 MHz and is compatible with SPI, QSPI,
•
SPI-Compatible Serial Interface: Up to 50 MHz
Microwire, and DSP interface standards. The outputs
of all DACs may be updated simultaneously or
•
Simultaneous or Sequential Update
sequentially. The parts incorporate a power-on-reset
•
Specified Temperature Range: –40
°C to 105°C
circuit to ensure that the DAC outputs power up to
•
Small 10-Lead MSOP Package
zero volts and remain there until a valid write cycle to
the
device
takes
place.
The
parts
contain
a
power-down feature that reduces the current con-
sumption of the device to under 1 µA.
•
Portable Battery-Powered Instruments
•
Digital Gain and Offset Adjustment
The small size and low-power operation makes the
DAC7554 ideally suited for battery-operated portable
•
Programmable Voltage and Current Sources
applications. The power consumption is typically 3.5
•
Programmable Attenuators
mW at 5 V, 1.65 mW at 3 V, and reduces to 1 µW in
•
Industrial Process Control
power-down mode.
The DAC7554 is available in a 10-lead MSOP pack-
age and is specified over –40
°C to 105°C.
FUNCTIONAL BLOCK DIAGRAM
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DAC7554IDGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7554IDGS TI1-DAC7554IDGS Datasheet
1Mb / 24P
12-BIT, QUAD, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7554IDGSG4 TI1-DAC7554IDGSG4 Datasheet
1Mb / 24P
12-BIT, QUAD, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7554IDGSR TI1-DAC7554IDGSR Datasheet
1Mb / 24P
12-BIT, QUAD, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7554IDGSRG4 TI1-DAC7554IDGSRG4 Datasheet
1Mb / 24P
12-BIT, QUAD, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC7554IDGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7552 TI-DAC7552 Datasheet
862Kb / 22P
12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7553 TI-DAC7553 Datasheet
774Kb / 20P
12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7551 TI-DAC7551 Datasheet
539Kb / 18P
12-BIT, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7558 TI-DAC7558 Datasheet
1Mb / 25P
12-BIT, OCTAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8554 BURR-BROWN-DAC8554 Datasheet
1Mb / 26P
16-BIT, QUAD CHANNEL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8555 BURR-BROWN-DAC8555 Datasheet
1Mb / 27P
16-BIT, QUAD CHANNEL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7554IDGSRG4 TI1-DAC7554IDGSRG4 Datasheet
1Mb / 24P
12-BIT, QUAD, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7552 TI1-DAC7552_13 Datasheet
1Mb / 24P
12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7553 TI1-DAC7553_14 Datasheet
1Mb / 26P
12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7558 TI1-DAC7558_16 Datasheet
2Mb / 31P
12-BIT, OCTAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com