Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RVZ Datasheet(PDF) 2 Page - Yellow Stone Corp

Part # RVZ
Description  CHIP TYPE Aluminum Electolytic Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YSTONE [Yellow Stone Corp]
Direct Link  http://www.ystone.com.tw
Logo YSTONE - Yellow Stone Corp

RVZ Datasheet(HTML) 2 Page - Yellow Stone Corp

  RVZ Datasheet HTML 1Page - Yellow Stone Corp RVZ Datasheet HTML 2Page - Yellow Stone Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
21
NOTE
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
CHIP TYPE Aluminum Electolytic Capacitors
RVZ
■ STANDARD RATINGS
Rated voltage (V)
6.3
10
16
25
35
Case
Impedance
Rated
ripple
current
Case
ESR
Rated
ripple
current
Case
ESR
Rated
ripple
current
Case
ESR
Rated
ripple
current
Case
ESR
Rated
ripple
current
Item
Rated
capacitance (
F)
DL
(mm)
mArms
DL
(mm)
mArms
DL
(mm)
mArms
DL
(mm)
mArms
DL
(mm)
mArms
4.7
─
─
─
─
─
─
─
─
─
4
5.3
3.20
65
4
5.3
3.20
65
4
5.8
1.80
80
5
5.3
1.50
110
10
─
─
─
4
5.3
3.20
65
4
5.3
3.20
65
5
5.3
1.50
110
5
5.8
0.76
150
15
─
─
─
─
─
─
4
5.8
1.80
80
5
5.8
0.76
150
5
5.8
0.76
150
4
5.3
3.20
65
4
5.8
1.80
80
5
5.3
1.50
110
5
5.8
0.76
150
5
5.8
0.76
150
22
4
5.8
1.80
80
5
5.3
1.50
110
5
5.8
0.76
150
6.3
5.3
0.85
170
6.3
5.3
0.85
170
5
5.3
1.50
110
5
5.3
1.50
110
6.3
5.3
0.85
170
6.3
5.3
0.85
170
6.3
5.3
0.85
170
33
5
5.8
0.76
150
5
5.8
0.76
150
6.3
5.8
0.44
230
6.3
5.8
0.44
230
6.3
5.8
0.44
230
6.3
5.8
0.44
230
6.3
7.7
0.34
280
47
5
5.3
5
5.8
1.50
0.76
110
150
6.3
5.3
6.3
5.8
0.85
0.44
170
230
6.3
5.3
6.3
5.8
0.85
0.44
170
230
6.3
5.3
6.3
5.8
0.85
0.44
170
230
8
6.5
0.34
280
6.3
7.7
0.34
280
68
6.3
5.8
0.44
230
6.3
5.8
0.44
230
6.3
5.8
0.44
230
6.3
5.8
0.44
230
8
6.5
0.34
280
6.3
5.3
0.85
170
6.3
5.8
0.44
230
100
6.3
5.3
6.3
5.8
0.85
0.44
170
230
6.3
5.3
6.3
5.8
0.85
0.44
170
230
8
6.5
0.34
280
6.3
7.7
8
6.5
0.34
0.34
280
280
8
10
8
10.5
0.20
0.17
450
450
6.3
7.7
0.34
280
8
10
0.20
450
8
10.5
0.17
450
150
6.3
5.8
0.44
230
6.3
5.8
0.44
230
8
6.5
0.34
280
8
10.5
0.17
450
10
10
0.10
670
6.3
7.7
0.34
280
8
6.5
0.34
280
220
6.3
5.8
6.3
7.7
0.44
0.34
230
280
8
10
0.20
450
6.3
7.7
8
10
0.34
0.20
280
450
8
10.5
10
10
0.17
0.10
450
670
8
10.5
10
10
0.17
0.10
450
670
6.3
7.7
0.34
280
8
6.5
0.34
200
330
8
10
0.20
450
8
10.5
10
10
0.17
0.10
450
670
8
10.5
10
10
0.17
0.10
450
670
8
10.5
10
10
0.17
0.10
450
670
10
10.5
0.09
670
8
10.5
0.17
450
8
10.5
0.17
450
8
10.5
0.17
450
470
10
10
0.10
670
10
10
0.10
670
10
10
0.10
670
10
10.5
0.09
670
─
─
─
680
8
10.5
0.17
450
10
10.5
0.09
670
10
10.5
0.09
670
─
─
─
─
─
─
8
10.5
0.17
450
1000
10
10
0.10
670
10
10.5
0.09
670
─
─
─
─
─
─
─
─
─
1500
10
10.5
0.09
670
─
─
─
─
─
─
─
─
─
─
─
─
(Note) Rated ripple current:105℃, 100kHz;Impedance:20℃, 100kHz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com