Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP6C072M Datasheet(PDF) 2 Page - Advanced Power Electronics Corp.

Part # AP6C072M
Description  N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP6C072M Datasheet(HTML) 2 Page - Advanced Power Electronics Corp.

  AP6C072M Datasheet HTML 1Page - Advanced Power Electronics Corp. AP6C072M Datasheet HTML 2Page - Advanced Power Electronics Corp. AP6C072M Datasheet HTML 3Page - Advanced Power Electronics Corp. AP6C072M Datasheet HTML 4Page - Advanced Power Electronics Corp. AP6C072M Datasheet HTML 5Page - Advanced Power Electronics Corp. AP6C072M Datasheet HTML 6Page - Advanced Power Electronics Corp. AP6C072M Datasheet HTML 7Page - Advanced Power Electronics Corp. AP6C072M Datasheet HTML 8Page - Advanced Power Electronics Corp. AP6C072M Datasheet HTML 9Page - Advanced Power Electronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
N-CH Electrical Characteristics@Tj=25
oC(unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Units
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=250uA
60
-
-
V
VGS=10V, ID=5A
-
-
36
mΩ
VGS=5V, ID=3A
-
-
42
mΩ
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=250uA
1
-
3
V
gfs
Forward Transconductance
VDS=10V, ID=5A
-
14
-
S
IDSS
Drain-Source Leakage Current
VDS=48V, VGS=0V
-
-
25
uA
IGSS
Gate-Source Leakage
VGS=+20V, VDS=0V
-
-
+100
nA
Qg
Total Gate Charge
ID=3A
-
12
19.2
nC
Qgs
Gate-Source Charge
VDS=30V
-
3
-
nC
Qgd
Gate-Drain ("Miller") Charge
VGS=4.5V
-
5.5
-
nC
td(on)
Turn-on Delay Time
VDS=30V
-
8
-
ns
tr
Rise Time
ID=1A
-
7
-
ns
td(off)
Turn-off Delay Time
RG=3.3Ω
-26
-
ns
tf
Fall Time
VGS=10V
-
7
-
ns
Ciss
Input Capacitance
VGS=0V
-
1000 1600
pF
Coss
Output Capacitance
VDS=25V
-
70
-
pF
Crss
Reverse Transfer Capacitance
f=1.0MHz
-
55
-
pF
Rg
Gate Resistance
f=1.0MHz
-
2.2
4.4
Ω
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Units
VSD
Forward On Voltage
2
IS=1.5A, VGS=0V
-
-
1.2
V
trr
Reverse Recovery Time
IS=5A, VGS=0V
-
13.5
-
ns
Qrr
Reverse Recovery Charge
dI/dt=100A/µs
-
9
-
nC
2
Static Drain-Source On-Resistance
2
AP6C072M
RDS(ON)
.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com