Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CCR1/2W2R2JP Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # CCR1/2W2R2JP
Description  Carbon Composition Resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

CCR1/2W2R2JP Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  CCR1/2W2R2JP Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. CCR1/2W2R2JP Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. CCR1/2W2R2JP Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. CCR1/2W2R2JP Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. CCR1/2W2R2JP Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. CCR1/2W2R2JP Datasheet HTML 6Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Taiwan Factory: +886 2 29810109
http://www.token.com.tw
rfq@token.com.tw
China Factory: +86 755 26055363
Page: 1/5
Product Introduction
Features :
 Low inductance
 Solid rod carbon composition
 Power rating 1/4W and 2W
 Resistance range 1.8Ω ~ 22KΩ
 Resistance tolerance J(±5%), K(±10%) and
M(±20%)
 High pulse withstanding and high energy
capability
 Products with Pb-free Terminations and RoHS
compliant
Applications :
 Strobe Lighting
 High Power Lighting
 Medical defibrillators
 Welding, Automotive
 Inrush Current Limiting
 High Voltage Power Supplies
 Protection (e.g. Discharge Circuits, Surge
Protection)
The high pulse withstanding capability of the CCR series of carbon
composition resistors from Token Electronics offers designers a
compact solution for applications involving high voltages and
high-energy pulses.
Though, many resistor manufacturers claim to offer carbon
composition replacements. However, these wire wound or thick
film alternatives do not fully match the pulse performance and low
inductance of carbon composition.
Token's CCR series now offers the industry a carbon composition
resistor made up of a solid rod of conductive composite material, the chemical composition of which is
altered to produce different resistance values.
The main advantage of carbon composition is their pulse handling capability. This is due to the fact
that the entire rod conducts and so the thermal mass is far higher, which results in a higher energy
capability. Due to the need for higher peak voltages, the CCR range is perfect for vehicle ignition
system applications, medical monitoring equipment and as output resistors in defibrillators.
The standard carbon composition CCR resistor offers a power rating of 1/4W, 1/2W, 1W and 2W at 25
℃
and is made up of a solid rod of conductive composition material, which can be altered to produce
different resistance values. With a typical resistance range of 1.8Ω ~ 22KΩ, resistance tolerance is
J(±5%), K(±10%) and M(±20%). Resistors with 5%, 10% and 20% tolerance have four bands
indicating value and tolerance in accordance with IEC62.
Our custom solutions are designed to address your need for technical and economic success in a timely
manner. Contact us with your specific needs. For more information, please link to Token official
website "General Purpose Resistors".
High pulse withstanding carbon composition resistors
handle big peaks and pulses.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com