Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FLC01-200H Datasheet(PDF) 6 Page - STMicroelectronics

Part # FLC01-200H
Description  FIRE LIGHTER CIRCUIT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FLC01-200H Datasheet(HTML) 6 Page - STMicroelectronics

  FLC01-200H Datasheet HTML 1Page - STMicroelectronics FLC01-200H Datasheet HTML 2Page - STMicroelectronics FLC01-200H Datasheet HTML 3Page - STMicroelectronics FLC01-200H Datasheet HTML 4Page - STMicroelectronics FLC01-200H Datasheet HTML 5Page - STMicroelectronics FLC01-200H Datasheet HTML 6Page - STMicroelectronics FLC01-200H Datasheet HTML 7Page - STMicroelectronics FLC01-200H Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
FLC01-200x
6/8
5.0
7.5
10.0
12.5
15.0
50
100
150
200
250
tp (µs)
ITRM(A)
Tj max=120°C
Fig. 5: Peak current limit
PEAK CURRENT LIMIT
This component is designed to withstand
ITRM = 190A for a pulse duration of 10
µs for an
ambient temperature of 120°C in repetitive surge.
The curve of peak current versus the pulse
duration allows us to verify if the application is
within the FLC operating limit.
POWER LOSSES (For 10
µs, see note 1)
To evaluate the power losses, please use the following equations :
For the thyristor:P= 1.18 x IT(AV) + 0.035 I
2
T(RMS)
For the diode : P = 0.67 x IF(AV) + 0.106 I
2
F(RMS)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com