Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4548-D Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 2SC4548-D
Description  NPN Epitaxial Planar Silicon Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SC4548-D Datasheet(HTML) 1 Page - Micro Commercial Components

  2SC4548-D Datasheet HTML 1Page - Micro Commercial Components 2SC4548-D Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2SC4548-D
NPN Epitaxial
Planar Silicon
Transistors
Features
•
Small Flat Package
•
Low collector-to-emitter saturation voltage.
•
Fast switching speed.
Maximum Ratings
Symbol
Rating
Rating
Unit
VCEO
Collector-Emitter Voltage
400
V
VCBO
Collector-Base Voltage
400V
VEBO
Emitter-Base Voltage
5.0
V
IC
Collector Current
0.2
A
PC
Collector dissipation
500
mW
TJ
Junction Temperature
-55 to +150
OC
TSTG
Storage Temperature
-55 to +150
OC
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
OFF CHARACTERISTICS
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=10µAdc, IE=0)
400
---
---
Vdc
V(BR)CEO
Collector-Emitter Breakdown Voltage
(IC=1.0mAdc,IB=0)
400
---
---
Vdc
V(BR)EBO
Collector-Emitter Breakdown Voltage
(IE=10
µAdc, IC=0)
5.0
---
---
Vdc
ICBO
Collector Cutoff Current
(VCB=300Vdc,IE=0)
---
---
0.1
µAdc
IEBO
Emitter Cutoff Current
(VEB=4.0Vdc, IC=0)
---
---
0.1
mAdc
ON CHARACTERISTICS
hFE
DC Current Gain
(IC=50mAdc, VCE=10Vdc)
60
---
200
---
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=50mAdc, IB=5mAdc)
0.6
Vdc
fT
Gain-Bandwidth product
(VCE=30V, IC=10mA, )
---
70
---
MHz
Cob
Out Capacitance
(VCB=30V, f=1.0MHz,IE=0)
---
4
---
pF
hFE[1] CLASSIFICATION
Rank
DE
Range
60-120
100-200
SOT-89
1. Base
2. Collector
3. Emitter
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
B
201
3/01/01
TM
Micro Commercial Components
www.mccsemi.com
1 of 2
Marking
CN
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Lead Free Finish/Rohs Compliant ("P"Suffix designates
RoHS Compliant. See ordering information)
B
A
E
D
G
H
F
K
J
C




















123
































































 

 
 











25































































1.55
.061
REF.






























































2SC4548-E
VBE(sat)
Collector-Emitter Saturation Voltage
(IC=50mAdc, IB=5mAdc)
1.0
Vdc
Halogen free available upon request by adding suffix "-HF"
•


Similar Part No. - 2SC4548-D

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4548 SANYO-2SC4548 Datasheet
102Kb / 3P
High-Voltage Driver Applications
logo
Unisonic Technologies
2SC4548 UTC-2SC4548 Datasheet
187Kb / 4P
HIGH VOLTAGE DRIVER APPLICATION
logo
Guangdong Kexin Industr...
2SC4548 KEXIN-2SC4548 Datasheet
361Kb / 3P
High-Voltage Driver Applications
logo
Weitron Technology
2SC4548 WEITRON-2SC4548 Datasheet
399Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4548 HTSEMI-2SC4548 Datasheet
340Kb / 1P
TRANSISTOR(NPN)
More results

Similar Description - 2SC4548-D

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CTN368 CDIL-CTN368 Datasheet
150Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Guangdong Kexin Industr...
2SC4505 KEXIN-2SC4505 Datasheet
51Kb / 2P
NPN Epitaxial Planar Silicon Transistors
2SC4132 KEXIN-2SC4132 Datasheet
49Kb / 1P
NPN Epitaxial Planar Silicon Transistors
logo
SEMTECH ELECTRONICS LTD...
MMBTA14 SEMTECH_ELEC-MMBTA14 Datasheet
129Kb / 2P
NPN Silicon Epitaxial Planar Transistors
BC817W SEMTECH_ELEC-BC817W Datasheet
264Kb / 4P
NPN Silicon Epitaxial Planar Transistors
MPSA13 SEMTECH_ELEC-MPSA13 Datasheet
130Kb / 1P
NPN Silicon Epitaxial Planar Transistors
logo
Rectron Semiconductor
BC546 RECTRON-BC546 Datasheet
93Kb / 3P
NPN Silicon Planar Epitaxial Transistors
logo
Continental Device Indi...
CN652 CDIL-CN652 Datasheet
146Kb / 5P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
MPSA42 CDIL-MPSA42 Datasheet
195Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTORS
MPS8098 CDIL-MPS8098 Datasheet
258Kb / 4P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com