Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4672-P Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 2SC4672-P
Description  NPN Plastic-Encapsulate Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SC4672-P Datasheet(HTML) 1 Page - Micro Commercial Components

  2SC4672-P Datasheet HTML 1Page - Micro Commercial Components 2SC4672-P Datasheet HTML 2Page - Micro Commercial Components 2SC4672-P Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN
Plastic-Encapsulate
Transistors
Features
•
Ideally Suited For Automatic Instertion
•
Untral Small Surface Mount Package
SOT-89
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision: B
2013/01/01
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
Maximum Ratings @ Ta = 25
(unless otherwise noted)
Symbol
Parameter
Value
Unit
IC
Collector Current
2
A
PD
Total Device Dissipation
0.5
W
TJ
Junction Temperature
150
TSTG
Storage Temperature Range
-55 to +150
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO
Collector-Emitter Breakdown Voltage
(IC=1mAdc,IB=0)
50
V
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=50
µAdc,I
E=0)
60
V
V(BR)EBO
Collector-Base Breakdown Voltage
(IE=50
µAdc,I
C=0)
6V
ICBO
Collector-Base Cutoff Current
(VCB=60Vdc, IE=0)
0.1
µAdc
IEBO
Emitter-Base Cutoff Current
(VEB=5Vdc, IC=0)
0.1
uAdc
ON CHARACTERISTICS
hFE
DC Current Gain
(IC=0.5Adc, VCE=2Vdc)
82
270
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=1Adc, IB=50mAdc)
0.35
Vdc
fT
Transition Frequency
(VCE=2Vdc,IC=500mAdc,f=100MHZ)
210(typ)
MHZ
Cob
Collector Output Capacitance
(VCB=10Vdc,IE=0,f=1MHZ)
25(typ)
PF
CLASSIFICATION OF
hFE
Rank
P
Q
R
Range
82-180
120-270
180~390
Marking
DKP
DKQ
DKR
2SC4672-R




 

 
 











25











































B
A
E
D
G
H
F
K
J
C





















1.55
.061
REF.


123




















1.BASE




















2.COLLECTOR




















3.EMITTER
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1
2SC4672-P
2SC4672-Q
Halogen free available upon request by adding suffix "-HF"
•


Similar Part No. - 2SC4672-P

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SC4672-P MCC-2SC4672-P Datasheet
219Kb / 2P
NPN Plastic-Encapsulate Transistors
logo
Guangdong Kexin Industr...
2SC4672-P KEXIN-2SC4672-P Datasheet
1Mb / 2P
NPN Transistors
logo
DONGGUAN YOU FENG WEI E...
2SC4672-P YFWDIODE-2SC4672-P Datasheet
591Kb / 3P
NPN Transistors
More results

Similar Description - 2SC4672-P

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BC337-16 MCC-BC337-16 Datasheet
125Kb / 3P
NPN Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
S9018T SECOS-S9018T Datasheet
110Kb / 1P
NPN Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
BCX55 MCC-BCX55 Datasheet
298Kb / 3P
NPN Plastic-Encapsulate Transistors
KTC4075-O MCC-KTC4075-O Datasheet
311Kb / 4P
NPN Plastic-Encapsulate Transistors
logo
Bruckewell Technology L...
A42 BWTECH-A42 Datasheet
540Kb / 4P
NPN Plastic-Encapsulate Transistors
S9014 BWTECH-S9014 Datasheet
327Kb / 4P
NPN Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
2SC2712-O MCC-2SC2712-O_13 Datasheet
277Kb / 3P
NPN Plastic-Encapsulate Transistors
2SC2859-O MCC-2SC2859-O Datasheet
364Kb / 2P
NPN Plastic-Encapsulate Transistors
MMDT2222A MCC-MMDT2222A_13 Datasheet
282Kb / 5P
NPN Plastic-Encapsulate Transistors
MMDT4401 MCC-MMDT4401_13 Datasheet
387Kb / 3P
NPN Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com