Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4672-Q Datasheet(PDF) 2 Page - Micro Commercial Components

Part # 2SC4672-Q
Description  NPN Plastic-Encapsulate Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SC4672-Q Datasheet(HTML) 2 Page - Micro Commercial Components

  2SC4672-Q Datasheet HTML 1Page - Micro Commercial Components 2SC4672-Q Datasheet HTML 2Page - Micro Commercial Components 2SC4672-Q Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
C
C
1.0
0.8
Static Characteristic
COMMON EMITTER
T =25
a
300
4.0mA
3.6mA
h
—— I
FE
C
T =100
a
COMMON EMITTER
V =2V
CE
0.6
3.2mA
2.8mA
200
T =25
a
0.4
0.2
0.0
2.4mA
2.0mA
1.6mA
1.2mA
0.8mA
I =0.4mA
B
0
1
2
3
4
100
0
0.1
0.3
1
2
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
COLLECTOR CURRENT I
C
(A)
0.5
β=20
V
CEsat
—— I
1.2
V
BEsat
—— I
C
0.4
1.0
T =25
a
0.3
0.8
0.2
T =100
a
0.6
T =100
a
0.1
T =25
a
0.4
0.0
0.1
0.3
COLLECTOR CURRENT I
C
1
2
(A)
0.2
0.1
0.3
COLLECTOR CURRENT I
C
1
(A)
β=20
2
I
—— V
C / C
—— V / V
C
BE
2
COMMON EMITTER
1000
ob
ib
CB
EB
f=1MHz
V =2V
I =0/I =0
CE
E
C
T =25
ib
a
1
100
T =100
a
C
ob
T =25
a
0.3
10
0.1
0.2
0.4
0.6
0.8
1.0
1.2
1
0.1
0.3
1
3
10
20
BASE-EMMITER VOLTAGE V
BE (V)
REVERSE VOLTAGE V (V)
MCC
TM
Micro Commercial Components
www.mccsemi.com
Revision:
B
20
13/01/01
2 of 3
2SC4672-R
2SC4672-P
2SC4672-Q



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com