Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMCC68KK Datasheet(PDF) 4 Page - Token Electronics Industry Co., Ltd.

Part # RMCC68KK
Description  High Voltage Metal Ceramic Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RMCC68KK Datasheet(HTML) 4 Page - Token Electronics Industry Co., Ltd.

  RMCC68KK Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RMCC68KK Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RMCC68KK Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. RMCC68KK Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. RMCC68KK Datasheet HTML 5Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
http://www.token.com.tw
rfq@token.com.tw
Taiwan Factory: +886 2 29810109
China Factory: +86 755 26055363
Page: 3/4
Electrical Characteristics
Electrical Characteristics (RMCA, RMCB)
Item
RMCC
Power Rating at 25℃ (W)
1
2
3
5
Operating Temp. Range (℃)
-40~155
Resistance Tolerance
K (±10%), M (±20%)
Resistance Range (Ω)
470~33K
1K~56K
1K~100K
470~33K
Max. Working Voltage (V)
300
350
400
500
T.C.R (PPM/℃)
-40℃~25℃ -750~3300
-750~3300
-750~3300
-750~3300
25℃~155℃ -750~2600
-750~2600
-750~2600
-750~2600
Max. Pulse Voltage (KV)
8
15
20
25
Moisture Resistance (%)
10
10
10
10
Non-Inductive Performance:
 Chemically inert and thermally stable, the resistors are inherently non-inductive because of their bulk
ceramic construction, which allows energy and power to be uniformly distributed through the entire
ceramic resistor body with no film or wire to fail.
 The bulk ceramic material also allows simple efficient resistor designs that enable the designer to
minimize the resistor package size while providing the required performance and reliability.
Order Codes
Order Codes (RMCC)
RMC
2W
c
51K
K
Part Number
RMC
Rated Power (W)
1W
2W
3W
5W
Style
c Style
Resistance Value (Ω)
510R
510Ω
5K1
5.1KΩ
51K
51KΩ
68K
68KΩ
Resistance Tolerance (%)
K
±10%
M
±20%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com