Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL28PCIe30ALI Datasheet(PDF) 2 Page - Silicon Laboratories

Part # SL28PCIe30ALI
Description  EProClock짰 Programmable PCIe Gen 2 Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28PCIe30ALI Datasheet(HTML) 2 Page - Silicon Laboratories

  SL28PCIe30ALI Datasheet HTML 1Page - Silicon Laboratories SL28PCIe30ALI Datasheet HTML 2Page - Silicon Laboratories SL28PCIe30ALI Datasheet HTML 3Page - Silicon Laboratories SL28PCIe30ALI Datasheet HTML 4Page - Silicon Laboratories SL28PCIe30ALI Datasheet HTML 5Page - Silicon Laboratories SL28PCIe30ALI Datasheet HTML 6Page - Silicon Laboratories SL28PCIe30ALI Datasheet HTML 7Page - Silicon Laboratories SL28PCIe30ALI Datasheet HTML 8Page - Silicon Laboratories SL28PCIe30ALI Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
SL28PCIe30
DOC#: SP-AP-0775 (Rev. 0.2)
Page 2 of 16
32-QFN Pin Definitions
EProClock® Programmable Technology
EProClock® is the world’s first non-volatile programmable
clock. The EProClock® technology allows board designer to
promptly achieve optimum compliance and clock signal
integrity; historically, attainable typically through device and/or
board redesigns.
EProClock® technology can be configured through SMBus or
hard coded.
Features:
- > 4000 bits of configurations
- Can be configured through SMBus or hard coded
- Custom frequency sets
- Differential skew control on true or compliment or both
- Differential duty cycle control on true or compliment or both
- Differential amplitude control
- Differential and single-ended slew rate control
- Program Internal or External series resistor on single-ended
clocks
Pin No.
Name
Type
Description
1
VDD
PWR 3.3V Power Supply
2
VDD_Prog_SE2
PWR 3.3V Power Supply for Prog_SE2 clock
3
Prog_SE2
O, SE Programmable Single ended output with OTP programmable (EProClockTM)
custom frequency
4
VSS_Prog_SE2
GND
Ground for Prog_SE2 clock
5
VSS_SRC
GND
Ground for SRC clocks
6
SRC0
O, DIF 100MHz True differential serial reference clock
7
SRC0#
O, DIF 100MHz Complementary differential serial reference clock
8
VDD_SRC
PWR 3.3V Power Supply for SRC clocks
9
SRC1
O, DIF 100MHz True differential serial reference clock
10
SRC1#
O, DIF 100MHz Complementary differential serial reference clock
11
SRC2
O, DIF 100MHz True differential serial reference clock
12
SRC2#
O, DIF 100MHz Complementary differential serial reference clock
13
VSS_SRC
GND
Ground for SRC clocks
14
VDD_SRC
PWR 3.3V Power Supply for SRC clocks
15
SRC3#
O, DIF 100MHz Complementary differential serial reference clock
16
SRC3
O, DIF 100MHz True differential serial reference clock
17
SRC4#
O, DIF 100MHz Complementary differential serial reference clock
18
SRC4
O, DIF 100MHz True differential serial reference clock
19
VDD_SRC
PWR 3.3V Power Supply for SRC clocks
20
SRC5#
O, DIF 100MHz Complementary differential serial reference clock
21
SRC5
O, DIF 100MHz True differential serial reference clock
22
VSS_SRC
GND
Ground for SRC clocks
23
SCLK
I
SMBus compatible SCLOCK
24
SDATA
I/O
SMBus compatible SDATA
25
XOUT
O
25.00MHz clock output. Float XOUT if using only CLKIN (Clock input)
26
XIN/ CLKIN
I
25.00MHz Crystal input or 3.3V, 25MHz Clock input
27
VSS_REF
GND
Ground for 25M clock
28
25M
O
25MHz reference output clock
29
VDD_REF
PWR 3.3V Power Supply for 25M clock
30
VDD_Prog_SE1
PWR 3.3V Power Supply for Prog_SE1 clock
31
Prog_SE1
O, SE Programmable Single ended output with OTP programmable (EProClockTM)
custom frequency
32
VSS_Prog_SE1
GND
Ground for Prog_SE1 clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com