Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL28PCIe30ALIT Datasheet(PDF) 8 Page - Silicon Laboratories

Part # SL28PCIe30ALIT
Description  EProClock짰 Programmable PCIe Gen 2 Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28PCIe30ALIT Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button SL28PCIe30ALIT Datasheet HTML 4Page - Silicon Laboratories SL28PCIe30ALIT Datasheet HTML 5Page - Silicon Laboratories SL28PCIe30ALIT Datasheet HTML 6Page - Silicon Laboratories SL28PCIe30ALIT Datasheet HTML 7Page - Silicon Laboratories SL28PCIe30ALIT Datasheet HTML 8Page - Silicon Laboratories SL28PCIe30ALIT Datasheet HTML 9Page - Silicon Laboratories SL28PCIe30ALIT Datasheet HTML 10Page - Silicon Laboratories SL28PCIe30ALIT Datasheet HTML 11Page - Silicon Laboratories SL28PCIe30ALIT Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
SL28PCIe30
DOC#: SP-AP-0775 (Rev. 0.2)
Page 8 of 16
Byte 14: Control Register 14
.
Programmable frequency clarification
SL28PCIe30 allows flexibility of programming a frequency to
two single ended outputs - Prog_SE1 and Prog_SE2 respec-
tively.
Both Prog_SE1 and Prog_SE2 can be factory programmed to
any frequency as required by the end user with a 3.3V swing
single ended output. Prog_SE1 clock can have a feature of
Spread Spectrum to reduce EMI where as Prog_SE2 is an
non-spread option.
0
0
Wireless Friendly mode
Wireless Friendly Mode
0 = Disabled, Default all single-ended clocks slew rate config bits to ‘101’
1 = Enabled, Default all single-ended clocks slew rate config bits to ‘111’
Bit
@Pup
Name
Description
7
1
RESERVED
RESERVED
6
0
RESERVED
RESERVED
5
1
RESERVED
RESERVED
40
OTP_4
OTP_ID
Idenification for programmed device
30
OTP_3
20
OTP_2
10
OTP_1
00
OTP_0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com