Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OCL-400SWW Datasheet(PDF) 2 Page - OSA Opto Light GmbH

Part # OCL-400SWW
Description  White ??high CRI
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH

OCL-400SWW Datasheet(HTML) 2 Page - OSA Opto Light GmbH

  OCL-400SWW Datasheet HTML 1Page - OSA Opto Light GmbH OCL-400SWW Datasheet HTML 2Page - OSA Opto Light GmbH OCL-400SWW Datasheet HTML 3Page - OSA Opto Light GmbH OCL-400SWW Datasheet HTML 4Page - OSA Opto Light GmbH OCL-400SWW Datasheet HTML 5Page - OSA Opto Light GmbH OCL-400SWW Datasheet HTML 6Page - OSA Opto Light GmbH OCL-400SWW Datasheet HTML 7Page - OSA Opto Light GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
White – high CRI
OCL-400 SW/SWW
Copyright © 2014 OSA Opto Light GmbH. All Rights Reserved
www.osa-opto.com
edition 12/14
Page/Seite 2/7
 Maximum Ratings
Grenzwerte
Parameter
Symbol
Min
Max
Unit
Forward Current
Flussstrom
If, max
30
mA
Forward Current, pulsed
Flussstrom, gepulst
tp≤100μs, =1:10
If, pulse
120
mA
Reverse Voltage
Sperrspannung
UR
5
V
Reverse Current
Sperrstrom
UR = 5V
IR
100
μA
Thermal Resistance
Wärmewiderstand
Rth JA
60
K/W
Operating Temperature
Betriebstemperatur
Top
-40
+85
°C
Storage Temperature
Lagertemperatur
TSt
-40
+110
°C
Outline Drawing
Zeichnung
Recommended Soldering Pad
Empfohlenes Lötpad
Marking at anode
Markierung an der Anode
Marking



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com