Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OCU-400UB355 Datasheet(PDF) 1 Page - OSA Opto Light GmbH

Part # OCU-400UB355
Description  devices are ROHS and REACH conform
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH

OCU-400UB355 Datasheet(HTML) 1 Page - OSA Opto Light GmbH

  OCU-400UB355 Datasheet HTML 1Page - OSA Opto Light GmbH OCU-400UB355 Datasheet HTML 2Page - OSA Opto Light GmbH OCU-400UB355 Datasheet HTML 3Page - OSA Opto Light GmbH OCU-400UB355 Datasheet HTML 4Page - OSA Opto Light GmbH OCU-400UB355 Datasheet HTML 5Page - OSA Opto Light GmbH OCU-400UB355 Datasheet HTML 6Page - OSA Opto Light GmbH OCU-400UB355 Datasheet HTML 7Page - OSA Opto Light GmbH OCU-400UB355 Datasheet HTML 8Page - OSA Opto Light GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Ceramic
OCU-400 UB355
Copyright © 2017 OSA Opto Light GmbH. All Rights Reserved
www.osa-opto.com
edition 4/17
Page/Seite 1/8
Features:
size 3,0(L) x 2,0(W) x 1,0(H) mm
circuit substrate: Al2O3 Ceramics
encapsulation: Silicone
devices are ROHS and REACH conform
lead free solderable, soldering pads: gold
plated
taped in 8 mm blister tape, cathode to
transporting perforation
all devices sorted into radiant intensity classes
taping: face-up (T)
Merkmale:
Größe 3,0 x 2,0 x 1,0 mm
Gehäusematerial: Al2O3 Keramik
Vergussmaterial: Silicon
Bauteile sin ROHS und REACH konform
Bleifrei lötbar, Lötpads sind vergoldet
Gegurtet in 8mm Blistergurt, Kathode zur
Transportperforation
Alle Bauteile sind Strahlstärkeklassen sortiert
Gurtung: face-up (T)
 Electro-Optical Characteristics (T=25°C)
Elektrooptische Eigenschaften
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Emitting Color
Farbe
ultraviolette
Forward Voltage
Flussspannung
Uf
If = 20 mA
3.6
4.2
V
Peak Wavelength
Peak Wellenlänge
λP
If = 20 mA
353
360
nm
FWHM
Halbwertsbreite
Δλ
If = 20 mA
15
nm
Radiant Intensity
Strahlstärke
Ie
If = 20 mA
0.28
0.45
mW/sr
Reverse Current
Sperrstrom
IR
UR = 5V
100
μA


Similar Part No. - OCU-400UB355

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OCU-400UB365 OSA-OCU-400UB365 Datasheet
4Mb / 8P
devices are ROHS and REACH conform
More results

Similar Description - OCU-400UB355

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OCU-400UC375 OSA-OCU-400UC375 Datasheet
292Kb / 8P
devices are ROHS and REACH conform
OCU-400UE380 OSA-OCU-400UE380 Datasheet
268Kb / 8P
devices are ROHS and REACH conform
OCU-400UE390 OSA-OCU-400UE390 Datasheet
271Kb / 8P
devices are ROHS and REACH conform
OCU-440UE400 OSA-OCU-440UE400 Datasheet
257Kb / 8P
devices are ROHS and REACH conform
OIS-170-1020P OSA-OIS-170-1020P Datasheet
229Kb / 7P
devices are ROHS and REACH conform
OLS-150MUR OSA-OLS-150MUR Datasheet
447Kb / 7P
devices are ROHS and REACH conform
OLS-170HSD OSA-OLS-170HSD Datasheet
229Kb / 7P
devices are ROHS and REACH conform
OLS-170SB430 OSA-OLS-170SB430 Datasheet
245Kb / 7P
devices are ROHS and REACH conform
OLS-180Y OSA-OLS-180Y Datasheet
241Kb / 7P
devices are ROHS and REACH conform
OLS-210MW OSA-OLS-210MW Datasheet
230Kb / 7P
devices are ROHS and REACH conform
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com