Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX1745 Datasheet(PDF) 9 Page - Microsemi Corporation

Part # LX1745
Description  Triple Output Boost - LED Driver / LCD Bias
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1745 Datasheet(HTML) 9 Page - Microsemi Corporation

Back Button LX1745 Datasheet HTML 5Page - Microsemi Corporation LX1745 Datasheet HTML 6Page - Microsemi Corporation LX1745 Datasheet HTML 7Page - Microsemi Corporation LX1745 Datasheet HTML 8Page - Microsemi Corporation LX1745 Datasheet HTML 9Page - Microsemi Corporation LX1745 Datasheet HTML 10Page - Microsemi Corporation LX1745 Datasheet HTML 11Page - Microsemi Corporation LX1745 Datasheet HTML 12Page - Microsemi Corporation LX1745 Datasheet HTML 13Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LX1745
PRODUCTION DATASHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 9
Triple Output Boost – LED Driver / LCD Bias
I N T E GR A T ED
PRODUCT S
Copyright
 2000
Rev. 1.1a, 2004-02-06
APPLICATION NOTE
negative voltage transition that is greater than the output
voltage.
POWER MOSFET SELECTION
The LX1745 can source up to 100mA of gate current.
An logic level N-channel MOSFET with a low turn on
threshold voltage, low gate charge and low RDS(ON) is
required to optimize overall circuit performance.
OVER VOLTAGE PROTECTION PROGRAMMING
Since the output of the LED Driver is a current mode
configuration, it may be desirable to protect the output from
an over-voltage condition in the event the load is removed
or not present.
The LX1745 includes an over voltage monitor that is
easily programmed with two external resistors (Figure 6).
This feature eliminates the need for a Zener Diode clamp on
the output.
Programming is accomplished by first selecting ROVP_2
and then calculating ROVP_1 using the following equation.
REF
REF
OVP
2
_
OVP
1
_
OVP
V
V
-
V
R
R
=
eq. 9
where VOVP is the desired maximum voltage on the output.
This voltage should be selected to accommodate the
maximum forward voltage of all the LEDs, over
temperature, plus the maximum feedback voltage.
Conversely, it may also be selected according to the
maximum VDS voltage of the output MOSFET.
INDUCTOR CURRENT LIMIT PROGRAMMING
Setting of the peak inductor current limit is an important
aspect of the PFM constant off-time architecture; it
determines the maximum output power capability and has a
marked effect on efficiency.
It is recommended that the peak inductor current be set
to approximately two times the expected maximum DC
input current. This setting will minimize the inductor size,
the input ripple current, and the output ripple voltage. Care
should be taken to use inductors that will not saturate at the
peak inductor current level. The desired peak inductor
current can be estimated by the following equation:
IN
OUT
PK
V
P
2
I
⋅
η
⋅
=
eq. 10
where POUT is the total output power, η is the expected
conversion efficiency, and VIN is the input voltage.
From the calculated desired IPK an RCS resistance value
can be chosen from the following equation:
6
PK
CS
10
30
185
.
0
I
R
−
⋅
−
≅
eq. 11
which is taken from the following graph (Figure 7).
0
200
400
600
800
1000
0
5
10
15
20
RCS (kΩ )
Figure 7 –
Peak Current Programming Resistor
This graph characterizes the relationship between peak
inductor current, the inductance value, and the RCS
programming resistor.
INDUCTOR SELECTION
An inductor value of 47
µH has been show to yield very
good results. Choosing a lower value emphasizes peak
current overshoot, effectively raises the switching
frequency, and increases the dissipative losses due to
increased currents.
OUTPUT CAPACITOR SELECTION
Output voltage ripple is a function of the several
parameters: inductor value, output capacitance value, peak
switch current, load current, input voltage, and the output
voltage. All of these factors can be summarized by the
following equation:


−
+
⋅
+
+
−


⋅
⋅
≅
IN
F
OUT
OUT
PK
L
SW
IN
OUT
OUT
PK
RIPPLE
V
V
V
I
I
)
V
V
(
V
1
C
I
I
L
V
eq. 12
where VL is the voltage drop across the inductor, VF is the
forward voltage of the output catch diode, and VSW is the
voltage drop across the power switch. VL+VSW can be
approximated at 0.4V and VF can be approximated at 0.4V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com