Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2907IDDB Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2907IDDB
Description  Precision Dual Supply Monitors with One Pin-Selectable Threshold and One Adjustable Input
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2907IDDB Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2907IDDB Datasheet HTML 4Page - Linear Technology LTC2907IDDB Datasheet HTML 5Page - Linear Technology LTC2907IDDB Datasheet HTML 6Page - Linear Technology LTC2907IDDB Datasheet HTML 7Page - Linear Technology LTC2907IDDB Datasheet HTML 8Page - Linear Technology LTC2907IDDB Datasheet HTML 9Page - Linear Technology LTC2907IDDB Datasheet HTML 10Page - Linear Technology LTC2907IDDB Datasheet HTML 11Page - Linear Technology LTC2907IDDB Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC2906/LTC2907
8
29067f
APPLICATIO S I FOR ATIO
Supply Monitoring
The LTC2906/LTC2907 are low power, high accuracy dual
supply monitoring circuits with an adjustable input and
another input with selectable threshold. Reset delay is set
to a nominal of 200ms for LTC2906 and is adjustable using
an external capacitor for LTC2907.
The three-state input pin (S1) selects one of three possible
threshold voltage levels for V1. Another three-state input
pin sets the supply tolerance (5%, 7.5% or 10%). Both
input voltages (V1 and VADJ) must be above predeter-
mined thresholds for the reset not to be invoked. The
LTC2906/LTC2907 assert the reset outputs during power-
up, power-down and brownout conditions on any one of
the voltage inputs.
Power-Up
The greater of V1, VCC is the internal supply voltage
(VMAX). VMAX powers the drive circuits for the RST pin.
Therefore, as soon as V1 or VCC reaches 1V during power
up, the RST output asserts low.
VMAX also powers the drive circuits for the RST pin in the
LTC2906. Therefore, RST weakly pulls high when either
V1 or VCC reaches at least 1V.
Threshold programming is complete, when V1 reaches at
least 2.17V. After programming, if any one of the Vx inputs
TI I G DIAGRA
VX
RST
RST
tUV
tRST
1V
1V
VRTX
29067 TD
Vx Monitor Timing
falls below its programmed threshold, RST asserts low
(RST weakly pulls high) as long as VMAX is at least 1V.
Once both V1 and VADJ inputs rise above their thresholds,
an internal timer is started. After the programmed delay
time, RST weakly pulls high (RST asserts low).
Power-Down
On power-down, once either V1 or VADJ drops below its
threshold, RST asserts logic low and RST weakly pulls
high. VMAX of at least 1V guarantees a logic low of 0.4V
at RST.
Auxiliary Power
If an auxiliary power is available it can be connected to the
VCC pin. Since the internal supply voltage (VMAX) is the
greater of V1, VCC; a VCC of at least 1V guarantees logic low
of 0.4V at RST for voltage inputs (V1 and/or VADJ) down
to 0V.
Programming Pins
The two three-state input pins, S1 and TOL, should be
connected to GND, V1 or left unconnected during normal
operation. Note that when left unconnected, the maximum
leakage current allowable from the pin to either GND or V1
is 10
µA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com