Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR4045CT Datasheet(PDF) 7 Page - International Rectifier

Part # MBR4045CT
Description  SCHOTTKY RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MBR4045CT Datasheet(HTML) 7 Page - International Rectifier

  MBR4045CT Datasheet HTML 1Page - International Rectifier MBR4045CT Datasheet HTML 2Page - International Rectifier MBR4045CT Datasheet HTML 3Page - International Rectifier MBR4045CT Datasheet HTML 4Page - International Rectifier MBR4045CT Datasheet HTML 5Page - International Rectifier MBR4045CT Datasheet HTML 6Page - International Rectifier MBR4045CT Datasheet HTML 7Page - International Rectifier MBR4045CT Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MBR4045CT, MBRB4045CT, MBR4045CT-1
Bulletin PD-20051 rev. A 09/01
7
www.irf.com
Ordering Information Table
Device Code
1
5
2
4
3
1
-
Essential Part Number
2
-
Package Style: none = TO-220
B= D2 Pak
3
-
Current Rating: 40
= 40A
4
Voltage code:
Code = V
RRM
5
-
Circuit configuration (Center Tap - Dual)
6
-
-1 = TO-262 option
MBR
B
40
45
CT
-1
6
TRR
FEED DIR ECTION
TRL
FEED DIRECTION
10.90 (0.429)
10.70 (0.421)
16.10 (0.634)
15.90 (0.626)
1.75 (0.069)
1.25 (0.049)
1.85 (0.073)
1.65 (0.065)
4.10 (0.161)
3.90 (0.153)
1.60 (0.063)
1.50 (0.059)
DIA.
1.60 (0.063)
1.50 (0.059)
DIA.
11.60 (0.457)
11.40 (0.449)
15.42 (0.609)
15.22 (0.601)
4.72 (0.186)
4.52 (0.178)
24.30 (0.957)
23.90 (0.941)
0.368 (0.0145)
0.342 (0.0135)
360 (14.173)
DIA. MAX.
26.40 (1.039)
24.40 (0.961)
13.50 (0.532)
12.80 (0.504) DIA.
60 (2.362)
DIA. MIN .
SMD-220 Tape & Reel
When ordering, indicate the part
number, part orientation, and the
quantity. Quantities are in multiples
of 800 pieces per reel for both
TRL and TRR.
Dimensions in millimeters and (inches)
Tape & Reel Information



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com