Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEWCT1052 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PEWCT1052
Description  WR-51 Waveguide 20 dB Crossguide Coupler, Square Cover Flange, SMA Female Coupled Port, 15 GHz to 22 GHz, Bronze
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWCT1052 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PEWCT1052 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWCT1052 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWCT1052 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEWCT1052 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEWCT1052 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
The PEWCT1052 is a 20 dB WR-51 four port crossguide coupler with one coupled port terminated (making it a three
port coupler) and a coax adapter on the opposite coupled port. This coupler can be mounted directly into the waveguide
signal path, connected via coax to allow signal sampling /monitoring. The coupler has a typical VSWR of 1.05:1 and are
made of bronze with brass Square Cover flanges. The PEWCT1052 is part of a family of cross guide couplers offered by
Pasternack with coupling values ranging from 20 to 50 dB. There is also a full family of top wall (broad wall) couplers.
For the three port version of this coupler (terminated but no coax adapter) please see the PEWCT1008. For the four port
version of this coupler (no termination, no coax adapter) please see the PEWCP1043.
Features
• Three Port
• Crossguide Waveguide Coupler
• Terminated
• 20 dB Nominal Coupling Level
• SMA Female Coax Adapter
• 15 GHz to 22 GHz Frequency Range
• Waveguide Body made of Bronze with Brass Flanges
• Low VSWR
Applications
• Test Benches
• Radar
• Satellite
• Microwave Radio
• Attenuation Measurements
• Power Measurements
• Source Leveling
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
15
22
GHz
Impedance
50
Ohms
Coupler
Nominal Coupling Level
20
dB
Directivity
20
dB
Insertion Loss
0.1
dB
Main Line VSWR
1.05:1
Termination
Input Power (CW)
1
Watts
Waveguide to Coax Adapters
VSWR
1.25:1
.
Mechanical Specifications
.
Interface
Waveguide Size
WR-51
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-51 Waveguide 20 dB Crossguide Coupler, Square Cover Flange, SMA Female Coupled
Port, 15 GHz to 22 GHz, Bronze PEWCT1052
PEWCT1052 REV 1.0
WR-51 Waveguide 20 dB Crossguide Coupler, Square Cover
Flange, SMA Female Coupled Port, 15 GHz to 22 GHz, Bronze
Waveguide Couplers Assemblies Technical Data
PEWCT1052


Similar Part No. - PEWCT1052

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWCT1050 PASTERNACK-PEWCT1050 Datasheet
537Kb / 5P
WR-42 Waveguide 40 dB Crossguide Coupler, UG-595/U Square Cover Flange, SMA Female Coupled Port, 18 GHz to 26.5 GHz, Bronze
PEWCT1051 PASTERNACK-PEWCT1051 Datasheet
537Kb / 5P
WR-42 Waveguide 50 dB Crossguide Coupler, UG-595/U Square Cover Flange, SMA Female Coupled Port, 18 GHz to 26.5 GHz, Bronze
PEWCT1053 PASTERNACK-PEWCT1053 Datasheet
535Kb / 5P
WR-51 Waveguide 30 dB Crossguide Coupler, Square Cover Flange, SMA Female Coupled Port, 15 GHz to 22 GHz, Bronze
PEWCT1054 PASTERNACK-PEWCT1054 Datasheet
535Kb / 5P
WR-51 Waveguide 40 dB Crossguide Coupler, Square Cover Flange, SMA Female Coupled Port, 15 GHz to 22 GHz, Bronze
PEWCT1055 PASTERNACK-PEWCT1055 Datasheet
535Kb / 5P
WR-51 Waveguide 50 dB Crossguide Coupler, Square Cover Flange, SMA Female Coupled Port, 15 GHz to 22 GHz, Bronze
More results

Similar Description - PEWCT1052

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWCT1053 PASTERNACK-PEWCT1053 Datasheet
535Kb / 5P
WR-51 Waveguide 30 dB Crossguide Coupler, Square Cover Flange, SMA Female Coupled Port, 15 GHz to 22 GHz, Bronze
PEWCT1054 PASTERNACK-PEWCT1054 Datasheet
535Kb / 5P
WR-51 Waveguide 40 dB Crossguide Coupler, Square Cover Flange, SMA Female Coupled Port, 15 GHz to 22 GHz, Bronze
PEWCT1055 PASTERNACK-PEWCT1055 Datasheet
535Kb / 5P
WR-51 Waveguide 50 dB Crossguide Coupler, Square Cover Flange, SMA Female Coupled Port, 15 GHz to 22 GHz, Bronze
PEWCT1060 PASTERNACK-PEWCT1060 Datasheet
534Kb / 5P
WR-75 Waveguide 20 dB Crossguide Coupler, Square Cover Flange, SMA Female Coupled Port, 10 GHz to 15 GHz, Bronze
PEWCT1061 PASTERNACK-PEWCT1061 Datasheet
533Kb / 5P
WR-75 Waveguide 30 dB Crossguide Coupler, Square Cover Flange, SMA Female Coupled Port, 10 GHz to 15 GHz, Bronze
PEWCT1063 PASTERNACK-PEWCT1063 Datasheet
534Kb / 5P
WR-75 Waveguide 50 dB Crossguide Coupler, Square Cover Flange, SMA Female Coupled Port, 10 GHz to 15 GHz, Bronze
PEWCP1043 PASTERNACK-PEWCP1043 Datasheet
407Kb / 5P
WR-51 20 dB Waveguide Crossguide Coupler, Square Cover Flange, 15 GHz to 22 GHz
PEWCP1044 PASTERNACK-PEWCP1044 Datasheet
406Kb / 5P
WR-51 30 dB Waveguide Crossguide Coupler, Square Cover Flange, 15 GHz to 22 GHz
PEWCP1045 PASTERNACK-PEWCP1045 Datasheet
407Kb / 5P
WR-51 40 dB Waveguide Crossguide Coupler, Square Cover Flange, 15 GHz to 22 GHz
PEWCP1046 PASTERNACK-PEWCP1046 Datasheet
407Kb / 5P
WR-51 50 dB Waveguide Crossguide Coupler, Square Cover Flange, 15 GHz to 22 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com