Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEWCT1108 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PEWCT1108
Description  WR-137 Waveguide 20 dB Crossguide Coupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWCT1108 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PEWCT1108 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWCT1108 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWCT1108 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEWCT1108 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEWCT1108 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
WR-137 Waveguide 20 dB Crossguide Coupler, UG-344/U Round Cover Flange, N Female Coupled Port, 5.85 GHz to 8.2
GHz, Bronze from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave
and millimeter wave products maintain a 99.4% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-137 Waveguide 20 dB Crossguide Coupler, UG-344/U Round Cover Flange, N Female
Coupled Port, 5.85 GHz to 8.2 GHz, Bronze PEWCT1108
URL: https://www.pasternack.com/wr137-waveguide-20db-crossguide-coupler-ug-344-round-n-8.2-ghz-pewct1108-p.aspx
PEWCT1108 REV 1.0
Waveguide Couplers Assemblies Technical Data
PEWCT1108
WR-137 Waveguide 20 dB Crossguide Coupler, UG-
344/U Round Cover Flange, N Female Coupled
Port, 5.85 GHz to 8.2 GHz, Bronze



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com