Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEWCT1065 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PEWCT1065
Description  WR-75 Waveguide 30 dB Crossguide Coupler, Square Cover Flange, N Female Coupled Port, 10 GHz to 15 GHz, Bronze
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWCT1065 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PEWCT1065 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWCT1065 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWCT1065 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEWCT1065 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEWCT1065 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
The PEWCT1065 is a 30 dB WR-75 four port crossguide coupler with one coupled port terminated (making it a three
port coupler) and a coax adapter on the opposite coupled port. This coupler can be mounted directly into the waveguide
signal path, connected via coax to allow signal sampling /monitoring. The coupler has a typical VSWR of 1.05:1 and are
made of bronze with brass Square Cover flanges. The PEWCT1065 is part of a family of cross guide couplers offered by
Pasternack with coupling values ranging from 20 to 50 dB. There is also a full family of top wall (broad wall) couplers.
For the three port version of this coupler (terminated but no coax adapter) please see the PEWCT1017. For the four port
version of this coupler (no termination, no coax adapter) please see the PEWCP1052.
Features
• Three Port
• Crossguide Waveguide Coupler
• Terminated
• 30 dB Nominal Coupling Level
• N Female Coax Adapter
• 10 GHz to 15 GHz Frequency Range
• Waveguide Body made of Bronze with Brass Flanges
• Low VSWR
Applications
• Test Benches
• Radar
• Satellite
• Microwave Radio
• Attenuation Measurements
• Power Measurements
• Source Leveling
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
10
15
GHz
Impedance
50
Ohms
Coupler
Nominal Coupling Level
30
dB
Directivity
25
dB
Insertion Loss
0.1
dB
Main Line VSWR
1.05:1
Termination
Input Power (CW)
2.5
Watts
Waveguide to Coax Adapters
VSWR
1.25:1
.
Mechanical Specifications
.
Interface
Waveguide Size
WR-75
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-75 Waveguide 30 dB Crossguide Coupler, Square Cover Flange, N Female Coupled Port,
10 GHz to 15 GHz, Bronze PEWCT1065
PEWCT1065 REV 1.0
WR-75 Waveguide 30 dB Crossguide Coupler, Square Cover
Flange, N Female Coupled Port, 10 GHz to 15 GHz, Bronze
Waveguide Couplers Assemblies Technical Data
PEWCT1065


Similar Part No. - PEWCT1065

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWCT1060 PASTERNACK-PEWCT1060 Datasheet
534Kb / 5P
WR-75 Waveguide 20 dB Crossguide Coupler, Square Cover Flange, SMA Female Coupled Port, 10 GHz to 15 GHz, Bronze
PEWCT1061 PASTERNACK-PEWCT1061 Datasheet
533Kb / 5P
WR-75 Waveguide 30 dB Crossguide Coupler, Square Cover Flange, SMA Female Coupled Port, 10 GHz to 15 GHz, Bronze
PEWCT1062 PASTERNACK-PEWCT1062 Datasheet
533Kb / 5P
WR-75 Waveguide 40 dB Crossguide Coupler, Square Cover Flange, SMA Female Coupled Port, 10 GHz to 15 GHz, Bronze
PEWCT1063 PASTERNACK-PEWCT1063 Datasheet
534Kb / 5P
WR-75 Waveguide 50 dB Crossguide Coupler, Square Cover Flange, SMA Female Coupled Port, 10 GHz to 15 GHz, Bronze
PEWCT1064 PASTERNACK-PEWCT1064 Datasheet
530Kb / 5P
WR-75 Waveguide 20 dB Crossguide Coupler, Square Cover Flange, N Female Coupled Port, 10 GHz to 15 GHz, Bronze
More results

Similar Description - PEWCT1065

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWCT1053 PASTERNACK-PEWCT1053 Datasheet
535Kb / 5P
WR-51 Waveguide 30 dB Crossguide Coupler, Square Cover Flange, SMA Female Coupled Port, 15 GHz to 22 GHz, Bronze
PEWCT1060 PASTERNACK-PEWCT1060 Datasheet
534Kb / 5P
WR-75 Waveguide 20 dB Crossguide Coupler, Square Cover Flange, SMA Female Coupled Port, 10 GHz to 15 GHz, Bronze
PEWCT1061 PASTERNACK-PEWCT1061 Datasheet
533Kb / 5P
WR-75 Waveguide 30 dB Crossguide Coupler, Square Cover Flange, SMA Female Coupled Port, 10 GHz to 15 GHz, Bronze
PEWCT1062 PASTERNACK-PEWCT1062 Datasheet
533Kb / 5P
WR-75 Waveguide 40 dB Crossguide Coupler, Square Cover Flange, SMA Female Coupled Port, 10 GHz to 15 GHz, Bronze
PEWCT1063 PASTERNACK-PEWCT1063 Datasheet
534Kb / 5P
WR-75 Waveguide 50 dB Crossguide Coupler, Square Cover Flange, SMA Female Coupled Port, 10 GHz to 15 GHz, Bronze
PEWCT1064 PASTERNACK-PEWCT1064 Datasheet
530Kb / 5P
WR-75 Waveguide 20 dB Crossguide Coupler, Square Cover Flange, N Female Coupled Port, 10 GHz to 15 GHz, Bronze
PEWCT1066 PASTERNACK-PEWCT1066 Datasheet
529Kb / 5P
WR-75 Waveguide 40 dB Crossguide Coupler, Square Cover Flange, N Female Coupled Port, 10 GHz to 15 GHz, Bronze
PEWCT1067 PASTERNACK-PEWCT1067 Datasheet
530Kb / 5P
WR-75 Waveguide 50 dB Crossguide Coupler, Square Cover Flange, N Female Coupled Port, 10 GHz to 15 GHz, Bronze
PEWCP1051 PASTERNACK-PEWCP1051 Datasheet
407Kb / 5P
WR-75 20 dB Waveguide Crossguide Coupler, Square Cover Flange, 10 GHz to 15 GHz
PEWCP1052 PASTERNACK-PEWCP1052 Datasheet
407Kb / 5P
WR-75 30 dB Waveguide Crossguide Coupler, Square Cover Flange, 10 GHz to 15 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com