Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEWCT1071 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PEWCT1071
Description  WR-90 Waveguide 50 dB Crossguide Coupler, UG-39/U Square Cover Flange, SMA Female Coupled Port, 8.2 GHz to 12.4 GHz, Bronze
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWCT1071 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PEWCT1071 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWCT1071 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWCT1071 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEWCT1071 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEWCT1071 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
The PEWCT1071 is a 50 dB WR-90 four port crossguide coupler with one coupled port terminated (making it a three port
coupler) and a coax adapter on the opposite coupled port. This coupler can be mounted directly into the waveguide signal
path, connected via coax to allow signal sampling /monitoring. The coupler has a typical VSWR of 1.05:1 and are made
of bronze with brass UG-39/U Square Cover flanges. The PEWCT1071 is part of a family of cross guide couplers offered
by Pasternack with coupling values ranging from 20 to 50 dB. There is also a full family of top wall (broad wall) couplers.
For the three port version of this coupler (terminated but no coax adapter) please see the PEWCT1023. For the four port
version of this coupler (no termination, no coax adapter) please see the PEWCP1058.
Features
• Three Port
• Crossguide Waveguide Coupler
• Terminated
• 50 dB Nominal Coupling Level
• SMA Female Coax Adapter
• 8.2 GHz to 12.4 GHz Frequency Range
• Waveguide Body made of Bronze with Brass Flanges
• Low VSWR
Applications
• Test Benches
• Radar
• Satellite
• Microwave Radio
• Attenuation Measurements
• Power Measurements
• Source Leveling
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
8.2
12.4
GHz
Impedance
50
Ohms
Coupler
Nominal Coupling Level
50
dB
Directivity
10
dB
Insertion Loss
0.1
dB
Main Line VSWR
1.05:1
Termination
Input Power (CW)
4
Watts
Waveguide to Coax Adapters
VSWR
1.25:1
.
Mechanical Specifications
.
Interface
Waveguide Size
WR-90
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-90 Waveguide 50 dB Crossguide Coupler, UG-39/U Square Cover Flange, SMA Female
Coupled Port, 8.2 GHz to 12.4 GHz, Bronze PEWCT1071
PEWCT1071 REV 1.0
WR-90 Waveguide 50 dB Crossguide Coupler,
UG-39/U Square Cover Flange, SMA Female
Coupled Port, 8.2 GHz to 12.4 GHz, Bronze
Waveguide Couplers Assemblies Technical Data
PEWCT1071


Similar Part No. - PEWCT1071

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWCT1070 PASTERNACK-PEWCT1070 Datasheet
537Kb / 5P
WR-90 Waveguide 40 dB Crossguide Coupler, UG-39/U Square Cover Flange, SMA Female Coupled Port, 8.2 GHz to 12.4 GHz, Bronze
PEWCT1072 PASTERNACK-PEWCT1072 Datasheet
533Kb / 5P
WR-90 Waveguide 20 dB Crossguide Coupler, CPR-90G Flange, SMA Female Coupled Port, 8.2 GHz to 12.4 GHz, Bronze
PEWCT1073 PASTERNACK-PEWCT1073 Datasheet
534Kb / 5P
WR-90 Waveguide 30 dB Crossguide Coupler, CPR-90G Flange, SMA Female Coupled Port, 8.2 GHz to 12.4 GHz, Bronze
PEWCT1074 PASTERNACK-PEWCT1074 Datasheet
534Kb / 5P
WR-90 Waveguide 40 dB Crossguide Coupler, CPR-90G Flange, SMA Female Coupled Port, 8.2 GHz to 12.4 GHz, Bronze
PEWCT1075 PASTERNACK-PEWCT1075 Datasheet
534Kb / 5P
WR-90 Waveguide 50 dB Crossguide Coupler, CPR-90G Flange, SMA Female Coupled Port, 8.2 GHz to 12.4 GHz, Bronze
More results

Similar Description - PEWCT1071

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWCT1068 PASTERNACK-PEWCT1068 Datasheet
538Kb / 5P
WR-90 Waveguide 20 dB Crossguide Coupler, UG-39/U Square Cover Flange, SMA Female Coupled Port, 8.2 GHz to 12.4 GHz, Bronze
PEWCT1069 PASTERNACK-PEWCT1069 Datasheet
537Kb / 5P
WR-90 Waveguide 30 dB Crossguide Coupler, UG-39/U Square Cover Flange, SMA Female Coupled Port, 8.2 GHz to 12.4 GHz, Bronze
PEWCT1070 PASTERNACK-PEWCT1070 Datasheet
537Kb / 5P
WR-90 Waveguide 40 dB Crossguide Coupler, UG-39/U Square Cover Flange, SMA Female Coupled Port, 8.2 GHz to 12.4 GHz, Bronze
PEWCT1076 PASTERNACK-PEWCT1076 Datasheet
532Kb / 5P
WR-90 Waveguide 20 dB Crossguide Coupler, UG-39/U Square Cover Flange, N Female Coupled Port, 8.2 GHz to 12.4 GHz, Bronze
PEWCT1077 PASTERNACK-PEWCT1077 Datasheet
532Kb / 5P
WR-90 Waveguide 30 dB Crossguide Coupler, UG-39/U Square Cover Flange, N Female Coupled Port, 8.2 GHz to 12.4 GHz, Bronze
PEWCT1078 PASTERNACK-PEWCT1078 Datasheet
533Kb / 5P
WR-90 Waveguide 40 dB Crossguide Coupler, UG-39/U Square Cover Flange, N Female Coupled Port, 8.2 GHz to 12.4 GHz, Bronze
PEWCT1079 PASTERNACK-PEWCT1079 Datasheet
532Kb / 5P
WR-90 Waveguide 50 dB Crossguide Coupler, UG-39/U Square Cover Flange, N Female Coupled Port, 8.2 GHz to 12.4 GHz, Bronze
PEWCP1055 PASTERNACK-PEWCP1055 Datasheet
408Kb / 5P
WR-90 20 dB Waveguide Crossguide Coupler, UG-39/U Square Cover Flange, 8.2 GHz to 12.4 GHz
PEWCP1056 PASTERNACK-PEWCP1056 Datasheet
408Kb / 5P
WR-90 30 dB Waveguide Crossguide Coupler, UG-39/U Square Cover Flange, 8.2 GHz to 12.4 GHz
PEWCP1058 PASTERNACK-PEWCP1058 Datasheet
411Kb / 5P
WR-90 50 dB Waveguide Crossguide Coupler, UG-39/U Square Cover Flange, 8.2 GHz to 12.4 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com