Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

382002 Datasheet(PDF) 2 Page - Lumberg

Part # 382002
Description  Multimodul connectors, pitch 2.5 mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

382002 Datasheet(HTML) 2 Page - Lumberg

  382002 Datasheet HTML 1Page - Lumberg 382002 Datasheet HTML 2Page - Lumberg 382002 Datasheet HTML 3Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
38 3820
01/2018
2
*a
color keying strip
*b
keying nose
*c
guide rib
*d
marking contact 1
*e
delivery on holding strap
*f
no contact spring between connectors
Environmental conditions
Temperature range
-40 °C/+120 °C
Materials
Insulating body
PBT GF, V-0 according to UL94 –
3820 ... 00
PA GF, V-0 according to UL94 –
3820 ... 30 1
Contact spring
CuSn, tin-plated
1
30: component glow wire resistant (GWT 750 °C), testing acc. to IEC 60695-2-11, assessment acc.
to IEC 60335-1 (flame < 2 s)
Mechanical data
Insertion force/contact
≤ 4,0 N
Withdrawal force/contact
≥ 0,5 N
Further data
proposed keyings on request
Connectable conductors for IDT area
Section min.
0,196 mm²
Section max.
0,22 mm²
Insulation diameter
1,5 mm
Approved cables
at www.lumberg.com �
at www.lumberg.com �
Electrical data (at Tamb 20 °C)
Rated current
3 A
Rated voltage
63 V AC (Verschmutzungsgrad 3)
200 V AC (Verschmutzungsgrad 2)
Material group
IIIa (CTI ≥ 175) – 3820 ... 00
IIIa (CTI ≥ 250) – 3820 ... 30
Creepage distance
≥ 2,0 mm
Clearance
≥ 2,0 mm
Insulation resistance
> 1 GΩ
Associated products
Counterparts
�
3850
�
3851
�
3852
�
3853
�
8385 A 01
Harnessing equipment
�
KHP38
of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com