Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PF12864 Datasheet(PDF) 1 Page - Powertip Technology

Part # PF12864
Description  OUTLINE DIMENSION & BLOCK DIAGRAM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERTIP [Powertip Technology]
Direct Link  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology

PF12864 Datasheet(HTML) 1 Page - Powertip Technology

  PF12864 Datasheet HTML 1Page - Powertip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PF12864-A
…….
OUTLINE DIMENSION & BLOCK DIAGRAM
REMARK
LCD option: STN, FSTN
Backlight Option: under request.
MECHNICAL SPECIFICATION
Overall Size
32.50 x 60.6 mm
Module
H2 / H1
View Area
28.40 x 22.90 mm
W/O B/L
- / 1.65
Dot Size
0.18 x 0.30 mm
EL B/L
- / -
Dot Pitch
0.20 x 0.32 mm
LED B/L
- / -
PIN ASSIGNMENT
Pin No.
Symbol
Function
1
VSS
Power supply -
2
VDD
Power supply +
3
/CS
Chip select
4
/RST
Reset
5
A0
Control/display data input
6
R/W
8080 write; 6800 read/write
7
E
8080 read; 6800 enable
8~15
DB0~DB7 Data bus
16
Vo
Contrast adjust
17
C86
CPU mode 6800/8080 select
18
P/S
Parallel/serial select
19
NC
No connection
20
NC
No connection
ABSOLUTE MAXIMUM RATING
Item
Symbol
Condition
Min.
Max. Units
Supply for logic voltage
VDD-VSS
25°C
2.0
5.5
V
LCD driving supply voltage
VDD-V5
25°C
-4.0
-13.0
V
Input Voltage
VIN
25°C
-0.3
VDD+0.3 V
ELECTRICAL CHARACTERISTICS
Item
Symbol Condition
Min.
Typical
Max. Units
Power supply voltage
VDD-VSS
25°C
1.8
3.0
3.3
V
TOP
N W N W N W
V
-20°C
- 10.3 - 10.5 - 10.7
V
0°C
-
-
-
-
-
-
V
25°C
-
9.8
- 10.1 - 10.2
V
50°C
-
-
-
-
-
-
V
LCD operation voltage
VOP
70°C
-
7.9
-
8.1
-
8.3
V
IDD
VDD=3.0V
-
0.3
0.6
mA
LCM current consumption (No B/L)
-
-
-
-
-
mA
Backlight current consumption
-
-
-
-
--
mA


Similar Part No. - PF12864

ManufacturerPart #DatasheetDescription
logo
3M Electronics
PF12.1 3M-PF12.1 Datasheet
580Kb / 2P
Vikuiti Privacy Filter Finder
PF12.1 3M-PF12.1 Datasheet
580Kb / 2P
VikuitiTM Privacy Filter Finder
PF12.1-W 3M-PF12.1-W Datasheet
580Kb / 2P
Vikuiti Privacy Filter Finder
PF12.1-W 3M-PF12.1-W Datasheet
580Kb / 2P
VikuitiTM Privacy Filter Finder
logo
YAGEO Corporation
PF1206 YAGEO-PF1206 Datasheet
332Kb / 10P
RoHS compliant & Halogen free
More results

Similar Description - PF12864

ManufacturerPart #DatasheetDescription
logo
Powertip Technology
PC1202A POWERTIP-PC1202A Datasheet
82Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PC1602-T POWERTIP-PC1602-T Datasheet
76Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PC1602D POWERTIP-PC1602D Datasheet
53Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PC2002-B POWERTIP-PC2002-B Datasheet
78Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PG12232-A POWERTIP-PG12232-A Datasheet
85Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PG12232-C POWERTIP-PG12232-C Datasheet
86Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PG12232-E-33 POWERTIP-PG12232-E-33 Datasheet
51Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PG12864-O POWERTIP-PG12864-O Datasheet
59Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PG240160-B POWERTIP-PG240160-B Datasheet
89Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PG320240-M POWERTIP-PG320240-M Datasheet
254Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com