Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PWR06DPCT2201 Datasheet(PDF) 9 Page - Token Electronics Industry Co., Ltd.

Part # PWR06DPCT2201
Description  Pulse Withstanding Chip Resistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

PWR06DPCT2201 Datasheet(HTML) 9 Page - Token Electronics Industry Co., Ltd.

Back Button PWR06DPCT2201 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. PWR06DPCT2201 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. PWR06DPCT2201 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. PWR06DPCT2201 Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. PWR06DPCT2201 Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. PWR06DPCT2201 Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. PWR06DPCT2201 Datasheet HTML 11Page - Token Electronics Industry Co., Ltd. PWR06DPCT2201 Datasheet HTML 12Page - Token Electronics Industry Co., Ltd. PWR06DPCT2201 Datasheet HTML 13Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
http://www.token.com.tw
rfq@token.com.tw
Taiwan Factory: +886 2 29810109
China Factory: +86 755 26055363
Page: 8/13
Packaging & Reel Tape
Packaging Quantity & Reel Specifications (Unit: mm) (PWR)
Codes
Packaging Quantity
(KPcs)
Tape
Width
Reel
Diameter
ΦA
(mm)
ΦB
(mm)
ΦC
(mm)
W
(mm)
T
(mm)
PWR03
PWR05
PWR06
PWR13
Paper
5K
8mm
7 inch
178.5±1.5 60
+1
13.0±0.2
9.0±0.5
12.5±0.5
10K
8mm
10 inch
254±1
100±0.5
13.0±0.2
9.5±0.5
13.5±0.5
20K
8mm
13 inch
330±1
100±0.5
13.0±0.2
9.5±0.5
13.5±0.5
PWR10
PWR12
Embossed
4K
12mm
7 inch
178.5±1.5 60
+1
13.0±0.5
13.0±0.5 15.5±0.5
8K
12mm
10 inch
250±1
62±0.5
13.0±0.5
12.5±0.5 16.5±0.5
Packaging Quantity & Reel Specifications (PWR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com