Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3VT34X245B Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI3VT34X245B
Description  32-Bit, 2-Port, Low Voltage Translator Bus Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3VT34X245B Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI3VT34X245B Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3VT34X245B Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3VT34X245B Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3VT34X245B Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
PS8531
03/19/01
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI3VT34X245
32-Bit,2-Port,LowVoltage
TranslatorBusSwitch
Pericom Semiconductor Corporation
2380 Bering Drive • San Jose, CA 95131 • 1-800-435-2336 • Fax (408) 435-1100 • http://www.pericom.com
t
r
a
Pe
g
a
k
c
a
P
-
n
i
Pe
r
u
t
a
r
e
p
m
e
T
B
5
4
2
X
4
3
T
V
3
I
P)
B
(
P
O
S
Q
B
-
0
8C
º
5
8
+
o
t
C
º
0
4
–
OrderingInformation
80-pin BQSOP package (Q)
3.80
4.00
0.254
.0197
0.50
5˚
Gauge Plane
.150
.157
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
.228
.244
5.80
6.20
.010
.063
.010
.016
0.254
0.406
0.803
0.811
20.40
20.60
.007
.010
0.17
0.27
40
80
x 45˚
41
1
.019
1.60
.002
.009
0.05
0.25
.078
2.0
5˚
.019
.029
0.50
0.75
.008 NOM
0.203
0.50
REF
BSC
Max
Nom
BSC
Notes:
1. See test circuit and waveforms.
2. This parameter is guaranteed but not tested on Propagation Delays.
3. The bus switch contributes no propagational delay other than the RC delay of the ON resistance of the switch and the load capacitance.
The time constant for the switch alone is of the order of 0.25ns for 50pF load. Since this time constant is much smaller than the rise/fall
times of typical driving signals, it adds very little propagational delay to the system. Propagational delay of the bus switch when used
in a system is determined by the driving circuit on the driving side of the switch and its interaction with the load on the driven side.
Switching Characteristics over 2.5V ±0.2V Operating Range
r
e
t
e
m
a
r
a
Ps
n
o
it
i
d
n
o
C
t
s
e
Ts
n
o
it
i
d
n
o
C
)
1
(
.
m
o
C
s
ti
n
U
.
n
i
M.
x
a
M
t H
L
P
t L
H
P
y
al
e
D
n
o
it
a
g
a
p
o
r
P
)
3
,
2
(
x
B
o
t
x
A
,
CL
F
p
0
5
=
RL
s
m
h
o
0
0
5
=
—5
2
.
0
s
n
t H
Z
P
t L
Z
P
x
B
r
o
x
A
o
t
E
B
;
e
m
i
T
el
b
a
n
E
s
u
B
CL
F
p
0
5
=
RL
s
m
h
o
0
0
5
=
s
m
h
o
0
0
5
=
R
5
.
18
.
9
t Z
H
P
t Z
L
P
x
B
r
o
x
A
o
t
E
B
;
e
m
i
T
el
b
a
si
D
s
u
B5
.
18
.
9



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com