Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEWCA1013 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PEWCA1013
Description  WR-112 CPR-112G Grooved Flange to N Female Waveguide to Coax Adapter Operating From 7.05 GHz to 10 GHz, H Band
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWCA1013 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PEWCA1013 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWCA1013 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWCA1013 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
• Values at +25 °C, sea level unless stated otherwise
Typical Performance Data
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
7.0
7.4
7.8
8.1
8.5
8.9
9.3
9.6
10.0
7.05 GHz
VSWR
WR-112 CPR-112G Grooved Flange to N Female Waveguide to Coax Adapter Operating From 7.05 GHz to 10 GHz, H Band
from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter
wave products maintain a 99.4% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-112 CPR-112G Grooved Flange to N Female Waveguide to Coax Adapter Operating From
7.05 GHz to 10 GHz, H Band PEWCA1013
URL: https://www.pasternack.com/wr-112-cpr-112g-grooved-n-female-waveguide-coax-adapter-10-ghz-pewca1013-p.aspx
PEWCA1013
PEWCA1013 REV 1.0
WR-112 CPR-112G Grooved Flange to N Female Waveguide to
Coax Adapter Operating From 7.05 GHz to 10 GHz, H Band
Waveguide to Coax Adapters Technical Data Sheet



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com