Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEWCP1006 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PEWCP1006
Description  WR-34 20 dB Directional Waveguide Broadwall Coupler, UG-1530/U Square Cover Flange,E-Plane Coupled Port, 22 GHz to 33 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWCP1006 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PEWCP1006 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWCP1006 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWCP1006 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEWCP1006 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEWCP1006 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
TECHNICAL DATA SHEET
Configuration
Design
Directional E-Plane Broadwall
Size
WR-34
Description
Input Flange
Output Flange
Coupled Flange(s)
Flange Type
Square Cover
Square Cover
Square Cover
Flange Designation
UG-1530/U
UG-1530/U
UG-1530/U
Material
Copper Alloy
Copper Alloy
Copper Alloy
Plating
Silver
Silver
Silver
...
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2015
Plotted and Other Data
Notes:
•
Values at 25 °C, sea level
Typical Performance Data
1
1.25
1.5
1.75
2
2.25
2.5
2.75
3
22
23
24
25
26
27
28
29
30
31
32
33
22 GHz
VSWR
PEWCP1006
PEWCP1006 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-34 20 dB Directional Waveguide Broadwall Coupler, UG-1530/U Square Cover Flange,
E-Plane Coupled Port, 22 GHz to 33 GHz PEWCP1006
WR-34 20 dB Directional Waveguide Broadwall
Coupler, UG-1530/U Square Cover Flange,
E-Plane Coupled Port, 22 GHz to 33 GHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com