Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEWCP1013 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PEWCP1013
Description  WR-62 30 dB Directional Waveguide Broadwall Coupler, UG-419/U Square Cover Flange, E-Plane Coupled Port, 12.4 GHz to 18 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWCP1013 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PEWCP1013 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWCP1013 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWCP1013 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEWCP1013 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEWCP1013 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
TECHNICAL DATA SHEET
The PEWCP1013 is a WR-62 Directional Broadwall waveguide coupler that operates in the frequency range of 12.4 to 18
GHz. This Waveguide component has a typical VSWR of 1.05:1. These designs are made of painted copper alloy and incor-
porate a broad wall configuration that result in a mid-band nominal coupling value of 10, 20, or 30 dB. Common applications
for this component would be where power measurements are required within a system for measuring/sampling power or fre-
quency monitoring with minimal signal loss to the main transmission line. Pasternack offers a complete family of waveguide
Crossguide and Broadwall couplers that are in-stock and ship same day.
Features
• Broadwall Waveguide Coupler
• 30 dB Nominal Coupling Level
• 12.4 GHz to 18 GHz Frequency Range
• Body and Flanges made of Copper Alloy
• Low VSWR
Applications
• Test Benches
• Radar
• Satellite
• Microwave Radio
• Attenuation Measurements
• Power Measurements
• Source Leveling
Electrical Specifications (Values at 25°C, sea level)
Description
Minimum
Typical
Maximum
Units
Frequency Range
12.4
18
GHz
Directivity
40
dB
Insertion Loss
0.15
dB
Main Line VSWR
1.05:1
Nominal Coupling Level
30
dB
.
Mechanical Specifications
Size
Length
13.75 in [349.25 mm]
Height
2.836 in [72.03 mm]
.
Weight
0.954 lbs [432.73 g]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-62 30 dB Directional Waveguide Broadwall Coupler, UG-419/U Square Cover Flange, E-
Plane Coupled Port, 12.4 GHz to 18 GHz PEWCP1013
PEWCP1013
PEWCP1013 REV 1.0
WR-62 30 dB Directional Waveguide Broadwall
Coupler, UG-419/U Square Cover Flange, E-Plane
Coupled Port, 12.4 GHz to 18 GHz


Similar Part No. - PEWCP1013

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWCP1010 PASTERNACK-PEWCP1010 Datasheet
425Kb / 5P
WR-51 30 dB Directional Waveguide Broadwall Coupler, Square Cover Flange, E-Plane Coupled Port, 15 GHz to 22 GHz
PEWCP1011 PASTERNACK-PEWCP1011 Datasheet
424Kb / 5P
WR-62 10 dB Directional Waveguide Broadwall Coupler, UG-419/U Square Cover Flange,E-Plane
PEWCP1012 PASTERNACK-PEWCP1012 Datasheet
424Kb / 5P
WR-62 20 dB Directional Waveguide Broadwall Coupler, UG-419/U Square Cover Flange,E-Plane
PEWCP1014 PASTERNACK-PEWCP1014 Datasheet
421Kb / 5P
WR-75 10 dB Directional Waveguide Broadwall Coupler, Square Cover Flange, E-Plane Coupled Port, 10 GHz to 15 GHz
PEWCP1015 PASTERNACK-PEWCP1015 Datasheet
422Kb / 5P
WR-75 20 dB Directional Waveguide Broadwall Coupler, Square Cover Flange, E-Plane Coupled Port, 10 GHz to 15 GHz
More results

Similar Description - PEWCP1013

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWCP1011 PASTERNACK-PEWCP1011 Datasheet
424Kb / 5P
WR-62 10 dB Directional Waveguide Broadwall Coupler, UG-419/U Square Cover Flange,E-Plane
PEWCP1012 PASTERNACK-PEWCP1012 Datasheet
424Kb / 5P
WR-62 20 dB Directional Waveguide Broadwall Coupler, UG-419/U Square Cover Flange,E-Plane
PEWCP1017 PASTERNACK-PEWCP1017 Datasheet
424Kb / 5P
WR-90 10 dB Directional Waveguide Broadwall Coupler, UG-39/U Square Cover Flange,E-Plane Coupled Port, 8.2 GHz to 12.4 GHz
PEWCP1018 PASTERNACK-PEWCP1018 Datasheet
425Kb / 5P
WR-90 20 dB Directional Waveguide Broadwall Coupler, UG-39/U Square Cover Flange, E-Plane Coupled Port, 8.2 GHz to 12.4 GHz
PEWCP1019 PASTERNACK-PEWCP1019 Datasheet
425Kb / 5P
WR-90 30 dB Directional Waveguide Broadwall Coupler, UG-39/U Square Cover Flange,E-Plane Coupled Port, 8.2 GHz to 12.4 GHz
PEWCP1031 PASTERNACK-PEWCP1031 Datasheet
424Kb / 5P
WR-137 30 dB Directional Waveguide Broadwall Coupler, UG-344/U Square Cover Flange, E-Plane Coupled Port, 5.85 GHz to 8.2 GHz
PEWCP1047 PASTERNACK-PEWCP1047 Datasheet
408Kb / 5P
WR-62 20 dB Waveguide Crossguide Coupler, UG-419/U Square Cover Flange, 12.4 GHz to 18 GHz
PEWCP1048 PASTERNACK-PEWCP1048 Datasheet
408Kb / 5P
WR-62 30 dB Waveguide Crossguide Coupler, UG-419/U Square Cover Flange, 12.4 GHz to 18 GHz
PEWCP1049 PASTERNACK-PEWCP1049 Datasheet
409Kb / 5P
WR-62 40 dB Waveguide Crossguide Coupler, UG-419/U Square Cover Flange, 12.4 GHz to 18 GHz
PEWCP1050 PASTERNACK-PEWCP1050 Datasheet
409Kb / 5P
WR-62 50 dB Waveguide Crossguide Coupler, UG-419/U Square Cover Flange, 12.4 GHz to 18 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com