Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTC143ESA Datasheet(PDF) 2 Page - Micro Commercial Components

Part # DTC143ESA
Description  Digital Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DTC143ESA Datasheet(HTML) 2 Page - Micro Commercial Components

  DTC143ESA Datasheet HTML 1Page - Micro Commercial Components DTC143ESA Datasheet HTML 2Page - Micro Commercial Components DTC143ESA Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Typical Characteristics
MCC
TM
Micro Commercial Components
DTC143ESA


























































7
D 
7
D 
2)) &KDUDFWHULVWLFV
7
D 



9
&& 9
,138792/7$*(9
, 2))
9



21 &KDUDFWHULVWLFV
7
D 
9
2 9



287387&855(17,
2
P$
7
D 
7
D 




9
2 21
²² ,
2
,
2,, 
287387&855(17,
2
P$
3
'
²² 7
D
$0%,(177(03(5$785(7
D
I 0+]
7
D 
&
2
²² 9
5
5(9(56(%,$692/7$*(9
5
9
7
D 
7
D 

9
2 9





*
,
²² ,
2
287387&855(17,
2
P$
www.mccsemi.com
Revision:
C
20
13/01/01
2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com