Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYRF8935 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CYRF8935
Description  WirelessUSB??NL 2.4 GHz Low Power Radio
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYRF8935 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CYRF8935 Datasheet HTML 9Page - Cypress Semiconductor CYRF8935 Datasheet HTML 10Page - Cypress Semiconductor CYRF8935 Datasheet HTML 11Page - Cypress Semiconductor CYRF8935 Datasheet HTML 12Page - Cypress Semiconductor CYRF8935 Datasheet HTML 13Page - Cypress Semiconductor CYRF8935 Datasheet HTML 14Page - Cypress Semiconductor CYRF8935 Datasheet HTML 15Page - Cypress Semiconductor CYRF8935 Datasheet HTML 16Page - Cypress Semiconductor CYRF8935 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
CYRF8935
Document Number: 001-61351 Rev. *K
Page 13 of 40
Setting the Radio Frequency
Programming by channel number is the easiest way to set
frequency. In the CYRF8935, RF carrier frequency and RF
channel number are always related by the expression:
Freq. = 2402 + Ch. #
Channel number is loaded into bits [6:0] of Register 7. Bits 7 and
8 initiate the desired Rx or Tx operation, respectively.
Some sample Register 7 examples are as shown in Table 4.
During Regulatory Compliance testing, you can jump directly to
another frequency any time without going through IDLE state. If
you change between Tx and Rx, however, you must pass
through IDLE state. For IDLE state, write Register 7 to clear bits
8 and 7. Tx or Rx operation is initiated when Register 7 bit 8 or
7 is set. Radio frequency is also determined at that time.
Crystal Oscillator
The CYRF8935 contains the on-chip gain block for the quartz
crystal frequency standard.
Quartz Crystal Application
As shown in Figure 10 on page 14, the series resistor Rs limits
power to the crystal and contributes to the phase-shift necessary
for oscillation. The ideal Rs value may need to be determined
empirically, adjusted for certain crystal manufacturer part
numbers and designs. The series equivalent combinations of C1
and C2 largely determine the capacitive load seen by the crystal,
which should match the crystal vendor's specification. These
capacitor values are chosen to center the crystal oscillator
frequency at the correct value, 12 MHz. The feedback resistor Rf
from the buffer output to input serves to self-bias the on-chip
buffer to the center of the linear region for maximum gain.
Verifying correct crystal oscillator frequency may require special
test methods. Because connecting a frequency counter probe to
either XTALi or XTALo adds capacitive loading and alters the
crystal oscillation frequency, other methods must be used. For
bare die applications involving COB packaging, use the
BRCLK[5] test point to verify correct frequency of oscillation. This
requires register 32[3:1] set accordingly (see Register Defini-
tions on page 21). For 24-QFN packaged parts, the correct
crystal frequency is determined by transmitting a continuous
carrier frequency (see Register Settings for Test Purposes on
page 19) and using a RF frequency counter to ensure correct
frequency. Irrespective of which method is used, initial tolerance
should be within budget as recommended in Table 5, such that
the total frequency error stays within budget.
Note
For proper operation, the total frequency error must not
exceed what is shown in Table 5. Individual error contributions
can be adjusted; for example 10+20+5+5=40, or 5+30+2+3=40.
Table 4. Sample Register 7 Settings
Carrier Frequency,
MHz
DUT Channel Number
(decimal)
DUT Channel
Number
(hex)
Tx setting:
Reg. 7 value
for TX_EN= 1
Rx setting:
Reg. 7 value
for RX_EN= 1
2402
0
00
0100
0080
2403
1
01
0101
0081
2404
2
02
0102
0082
|
|
|
|
|
2434
32
20
0120
00A0
|
|
|
|
|
2441
39
27
0127
00A7
|
|
|
|
|
2480
78
4E
014E
00CE
Table 5. Crystal Specifications
Crystal Parameter
Specification
Frequency
12.000 MHz
Initial frequency tolerance
±15 ppm
Frequency tolerance over
temperature
±15 ppm
Frequency tolerance after
aging
±5 ppm
Frequency drift due to load
cap. drift
±5 ppm
Total
±40 ppm
Equivalent series resistance 80
 max
Resonance mode
Fundamental, parallel resonant
Load capacitance
In accordance with external load
capacitors (see C1 and C2 in
Figure 10)
Note
5. BRCLK signal is available on bare die only, not packaged parts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com