Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEWCT1012 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PEWCT1012
Description  WR-62 Waveguide 20 dB Crossguide Coupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWCT1012 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PEWCT1012 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWCT1012 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWCT1012 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEWCT1012 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEWCT1012 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
The PEWCT1012 is a 20 dB three port, terminated WR-62 crossguide waveguide coupler that operates in the frequency range
of 12.4 to 18 GHz. The coupler has a typical VSWR of 1.05 These designs are made of Bronze with Brass UG-419/U Square
Cover Flanges. Pasternack offers a complete family of crossguide couplers in both three port (terminated) and four port (unter-
minated) configurations that are in stock and ship on the same day. Top wall couplers are also available.
Features
• Three Port
• Crossguide Waveguide Coupler
• Terminated
• 20 dB Nominal Coupling Level
• 12.4 GHz to 18 GHz Frequency Range
• Waveguide Body made of Bronze with Brass Flanges
• Low VSWR
Applications
• Test Benches
• Radar
• Satellite
• Microwave Radio
• Attenuation Measurements
• Power Measurements
• Source Leveling
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
12.4
18
GHz
Coupler
Nominal Coupling Level
20
dB
Directivity
20
dB
Insertion Loss
0.1
dB
Main Line VSWR
1.05:1
Termination
VSWR
1.02
Input Power (CW)
1.5
Watts
.
Mechanical Specifications
Size
Length
5.9 in [149.86 mm]
Width
2.5 in [63.5 mm]
.
Interface
Waveguide Size
WR-62
Flange Type
Square Cover
Flange Designation
UG-419/U
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: WR-62 Waveguide 20 dB Crossguide Coupler, 3 Port, UG-419/U Square Cover Flange,
12.4 GHz to 18 GHz, Bronze PEWCT1012
PEWCT1012 REV 1.0
WR-62 Waveguide 20 dB Crossguide Coupler, 3 Port, UG-
419/U Square Cover Flange, 12.4 GHz to 18 GHz, Bronze
Waveguide Couplers Assemblies Technical Data
PEWCT1012


Similar Part No. - PEWCT1012

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWCT1010 PASTERNACK-PEWCT1010 Datasheet
467Kb / 5P
WR-51 Waveguide 40 dB Crossguide Coupler
PEWCT1011 PASTERNACK-PEWCT1011 Datasheet
467Kb / 5P
WR-51 Waveguide 50 dB Crossguide Coupler
PEWCT1013 PASTERNACK-PEWCT1013 Datasheet
399Kb / 5P
WR-62 Waveguide 30 dB Crossguide Coupler
PEWCT1014 PASTERNACK-PEWCT1014 Datasheet
399Kb / 5P
WR-62 Waveguide 40 dB Crossguide Coupler
PEWCT1015 PASTERNACK-PEWCT1015 Datasheet
400Kb / 5P
WR-62 Waveguide 50 dB Crossguide Coupler
More results

Similar Description - PEWCT1012

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWCT1108 PASTERNACK-PEWCT1108 Datasheet
550Kb / 5P
WR-137 Waveguide 20 dB Crossguide Coupler
PEWCT1112 PASTERNACK-PEWCT1112 Datasheet
521Kb / 5P
WR-137 Waveguide 20 dB Crossguide Coupler
PEWCT1000 PASTERNACK-PEWCT1000 Datasheet
464Kb / 5P
WR-34 Waveguide 20 dB Crossguide Coupler
PEWCT1013 PASTERNACK-PEWCT1013 Datasheet
399Kb / 5P
WR-62 Waveguide 30 dB Crossguide Coupler
PEWCT1014 PASTERNACK-PEWCT1014 Datasheet
399Kb / 5P
WR-62 Waveguide 40 dB Crossguide Coupler
PEWCT1015 PASTERNACK-PEWCT1015 Datasheet
400Kb / 5P
WR-62 Waveguide 50 dB Crossguide Coupler
PEWCT1020 PASTERNACK-PEWCT1020 Datasheet
462Kb / 5P
WR-90 Waveguide 20 dB Crossguide Coupler
PEWCT1028 PASTERNACK-PEWCT1028 Datasheet
463Kb / 5P
WR-112 Waveguide 20 dB Crossguide Coupler
PEWCT1040 PASTERNACK-PEWCT1040 Datasheet
464Kb / 5P
WR-137 Waveguide 20 dB Crossguide Coupler
PEWCT1044 PASTERNACK-PEWCT1044 Datasheet
538Kb / 5P
WR-34 Waveguide 20 dB Crossguide Coupler
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com