Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PXT3904 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # PXT3904
Description  NPN General Purpose Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

PXT3904 Datasheet(HTML) 1 Page - Micro Commercial Components

  PXT3904_13 Datasheet HTML 1Page - Micro Commercial Components PXT3904_13 Datasheet HTML 2Page - Micro Commercial Components PXT3904_13 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PXT3904
NPN General
Purpose Amplifier
Features
•
Capable of 500mWatts of Power Dissipation and 200mA Ic.
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO
Collector-Emitter Breakdown Voltage*
(IC=1.0mAdc, IB=0)
40
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=10
µAdc, IE=0)
60
Vdc
V(BR)EBO
Emitter-Base Breakdown Voltage
(IE=10
µAdc, IC=0)
6.0
Vdc
ICBO
Collector Cutoff Current
(VCB=30Vdc, IE=0)
50
nAdc
IEBO
Cutoff Current
(VEB=6Vdc, IC=0)
50
nAdc
ON CHARACTERISTICS
hFE
DC Current Gain*
(IC=0.1mAdc, VCE=1.0Vdc)
(IC=1.0mAdc, VCE=1.0Vdc)
(IC=10mAdc, VCE=1.0Vdc)
(IC=50mAdc, VCE=1.0Vdc)
(IC=100mAdc, VCE=1.0Vdc)
60
80
100
60
30
300
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=10mAdc, IB=1.0mAdc)
(IC=50mAdc, IB=5.0mAdc)
0.2
0.3
Vdc
VBE(sat)
Base-Emitter Saturation Voltage
(IC=10mAdc, IB=1.0mAdc)
(IC=50mAdc, IB=5.0mAdc)
0.65
0.85
0.95
Vdc
SMALL-SIGNAL CHARACTERISTICS
fT
Current Gain-Bandwidth Product
(IC=10mAdc, VCE=20Vdc, f=100MHz)
300
MHz
Cobo
Output Capacitance
(VCB=5.0Vdec, IE=0, f=1.0MHz)
4.0
pF
Cibo
Input Capacitance
(VBE=0.5Vdc, IC=0, f=1.0MHz)
8.0
pF
NF
Noise Figure
(IC=100
µAdc, VCE=5.0Vdc, RS=1.0kΩ
f=10Hz to 15.7kHz)
5.0
dB
SWITCHING CHARACTERISTICS
td
Delay Time
(VCC=3.0Vdc, VBE=0.5Vdc
35
ns
tr
Rise Time
IC=10mAdc, IB1=1.0mAdc)
35
ns
ts
Storage Time
(VCC=3.0Vdc, IC=10mAdc
200
ns
tf
Fall Time
IB1=IB2=1.0mAdc)
50
ns
*Pulse Width
≤ 300µs, Duty Cycle ≤ 2.0%
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision: B
2013/01/01
TM
Micro Commercial Components
Operating and Storage Junction Temperatures: -55
to 150
Compliment to PXT3906
www.mccsemi.com
1 of
3





















SOT-89
1.
Base
2. Collector
3.
Emitter
B
A
E
D
G
H
F
K
J
C




















12
3





 

 
 




























































•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1
•
Marking: 1A
Halogen free available upon request by adding suffix "-HF"
•


Similar Part No. - PXT3904_13

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
PXT3904U GWSEMI-PXT3904U Datasheet
1Mb / 2P
Plastic-Encapsulate Transistors
More results

Similar Description - PXT3904_13

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
NPN General Purpose Amplifier
PN3566 FAIRCHILD-PN3566 Datasheet
26Kb / 3P
NPN General Purpose Amplifier
TN2219A FAIRCHILD-TN2219A Datasheet
39Kb / 3P
NPN General Purpose Amplifier
MMBT5550 FAIRCHILD-MMBT5550 Datasheet
105Kb / 6P
NPN General Purpose Amplifier
logo
Micro Commercial Compon...
2SC3265-O MCC-2SC3265-O Datasheet
331Kb / 3P
NPN General Purpose Amplifier
MMBT4401 MCC-MMBT4401_11 Datasheet
189Kb / 4P
NPN General Purpose Amplifier
logo
Unisonic Technologies
2N5088 UTC-2N5088_12 Datasheet
96Kb / 3P
NPN GENERAL PURPOSE AMPLIFIER
MMBT5088 UTC-MMBT5088_10 Datasheet
301Kb / 6P
NPN GENERAL PURPOSE AMPLIFIER
PZT2222A UTC-PZT2222A_12 Datasheet
276Kb / 6P
NPN GENERAL PURPOSE AMPLIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com