Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9541ACER Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RT9541ACER
Description  LI LON BATTERY PROTECTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT9541ACER Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RT9541ACER Datasheet HTML 1Page - List of Unclassifed Manufacturers RT9541ACER Datasheet HTML 2Page - List of Unclassifed Manufacturers RT9541ACER Datasheet HTML 3Page - List of Unclassifed Manufacturers RT9541ACER Datasheet HTML 4Page - List of Unclassifed Manufacturers RT9541ACER Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9541ACER Datasheet HTML 6Page - List of Unclassifed Manufacturers RT9541ACER Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9541ACER Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RT9541
Preliminary
www.richtek-ic.com.tw
DS9541-05 August 2001
2
Absolute Maximum Ratings
Allowable Battery Voltage
-0.3V ~ 7V
Input Voltage (V)
VDD-14V to VDD +0.3V
Input Voltage (CT)
VSS-0.3V to VDD +0.3V
Output Voltage (COUT)
VDD-14V to VDD +0.3V
Output Voltage (DOUT)
VSS-0.3V to VDD +0.3V
Power Dissipation, PD @ TA = 25
°C
SOT-26
0.25W
Package Thermal Resistance
SOT-26,
θJA
250
°C/W
Operating Temperature Range
-20
°C ~ +85°C
Storage Temperature Range
-65
°C ~ +150°C
Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Operating Input Voltage
VDD
Voltage defined as VDD-VSS
1
--
6
V
Charger Voltage
VCHG
Voltage defined as VDD-V-
--
--
14
V
Minimum Operating Voltage for 0V
Charging
Voltage defined as VDD-V-
VDD-VSS = 0V
--
--
1
V
Accuracy of Over-charge
Threshold Voltage
∆VOCHG
Detect rising edge of supply
voltage
-25
--
25
mV
Over-charge Threshold Hysteresis
0.1
0.15
0.2
V
Output Delay Time of Over-charge TOCHG
C3 = 0.01
µF, VDD = 3.6V ~
4.3V
30
60
80
mS
Accuracy of Over-discharge
Threshold Voltage
∆VODISCHG
Detect falling edge of supply
voltage
-2.5
--
2.5
%
Output Delay Time of Over-
discharge
TODISCHG
VDD = 3.6V ~ 2.4V
10
15
20
mS
Excess Current Threshold Voltage
During Discharge
Detect rising edge of “V-“ pin
voltage
0.15
0.17
0.19
V
Output Delay of Discharge Excess
Current
VDD = 3.0V
15
20
25
mS
Excess Current Threshold Voltage
During Charge
Detect falling edge of “V-“ pin
voltage
-0.19
-0.17
-0.15
V
Output Delay of Charge Excess
Current
15
20
25
mS
Short Detection Voltage During
Discharge
VDD = 3.0V
VDD-1.1 VDD-0.8 VDD-0.5
V
Output Delay of Discharge Short
Circuit
TSHORT
VDD = 3.0V
--
5
50
µS
Reset Resistance for Excess
Current Protection
RSHORT
VDD = 3.6V, V- = 1.0V
25
50
75
k
Ω
Supply Current
IDD
VDD = 3.9V, V- = 0V
--
2.0
5.0
µA
Standby Current
ISTANDBY
VDD = 2.0V
--
0.1
0.5
µA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com