Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP127L Datasheet(PDF) 2 Page - Micro Commercial Components

Part # TIP127L
Description  PNP Plastic-Encapsulate Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

TIP127L Datasheet(HTML) 2 Page - Micro Commercial Components

  TIP127L Datasheet HTML 1Page - Micro Commercial Components TIP127L Datasheet HTML 2Page - Micro Commercial Components TIP127L Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Typical Characteristics
-0.1
-1
-10
0
20
40
60
80
100
120
140
160
-1
-10
-100
-1000
1
10
100
1000
10000
100000
0
25
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-100
-1000
-800
-900
-1000
-1100
-1200
-1300
-1400
-1500
-1600
-1700
-1800
-100
-1000
-400
-500
-600
-700
-800
-900
-1000
-1100
-1200
-0
-1
-2
-3
-4
-5
-6
-7
-8
-9
-10
-0.0
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
-3.5
-4.0
-4.5
-5.0
-600
-800
-1000
-1200
-1400
-1600
-1800
-2000
-10
-100
-1000
f=1MHz
I
E=0 / IC=0
T
a=25
oC
REVERSE VOLTAGE V (V)
V
CB
/ V
EB
C
ob
/ C
ib
——
C
ib
C
ob
-20
V
CE= -3V
T
a=100
oC
T
a=25
oC
COLLECTOR CURRENT I
C
(mA)
I
C
h
FE
——
AMBIENT TEMPERATURE T
a
( )
℃
P
c
——
T
a
-5000
COLLECTOR CURRENT I
C
(mA)
T
a=25
℃
T
a=100
℃
β=250
I
C
V
BEsat
——
-5000
-5000
-5000
T
a=100
℃
T
a=25
℃
β=250
V
CEsat
——
I
C
COLLECTOR CURRENT I
C
(mA)
I
B=-0.2mA
COMMON
EMITTER
T
a=25
℃
-1.0mA
-0.9mA
-0.8mA
-0.7mA
-0.6mA
-0.5mA
-0.4mA
-0.3mA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Static Characteristic
VCE=-3V
Ta=25℃
Ta=100
oC
BASE-EMITTER VOLTAGE
V
BE(mV)
I
C
——
V
BE
www.mccsemi.com
Revision: B
2 of 3
2016/06/15
Micro Commercial Components
M C C
R



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com