Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEWIR1002 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PEWIR1002
Description  WR-15 Waveguide Isolator from 50 GHz to 75 GHz, 25 dB min Isolation
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWIR1002 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PEWIR1002 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWIR1002 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWIR1002 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEWIR1002 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEWIR1002 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Features
• Waveguide Faraday Isolator
• WR-15
• Full V Band Frequency Range 50 to 75 GHz
• UG-385/U Round Cover Flange
• 1.4:1 VSWR
Applications
• Radar Systems
• Military
• Wireless Radio Systems
• Telecom Infrastructure
• Communication Systems
• R&D Labs
• Microwave Radio Systems
.
Description
The PEWIR1002 is a Waveguide Faraday Isolator offering 25 dB minimum isolation over the full V band frequency range of 50
to 75 GHz. In a conventional isolator design, three or four parts would be needed to cover the full WR-15 band to achieve this
level of isolation. The Faraday design achieves high isolation with wide band performance. This gold plated WR-15 waveguide
component uses UG-385/U round cover flanges on all ports and has a power rating of 1 watt in the forward direction.
Pasternack Enterprises offers a wide variety of isolators and Waveguide Isolators to fit your needs. These are two-port devices
that transmit microwave or radio frequency power in one direction only and block the signal in the opposite direction. They
can be thought of as a diode for RF energy. Isolators are used to isolate equipment from the effects of conditions outside of
the equipment. For instance they are used to prevent a microwave source being detuned by a mismatched load. Pasternack’s
waveguide isolators feature excellent insertion loss, full WR band high isolation and reliability.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
50
75
GHz
Insertion Loss
1.8
dB
Isolation
25
30
dB
VSWR
1.4:1
Forward Power, CW
1
Watts
.
Mechanical Specifications
Size
Length
2.5 in [63.5 mm]
Height
0.94 in [23.88 mm]
.
Configuration
Design
Faraday
Waveguide Size
WR-15
Flange Designation
UG-385/U
Flange Type
Round Cover
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-15 Waveguide Isolator from 50 GHz to 75 GHz, 25 dB min Isolation, UG-385/U Round
Cover Flange PEWIR1002
PEWIR1002 REV 1.0
WR-15 Waveguide Isolator from 50 GHz to 75 GHz,
25 dB min Isolation, UG-385/U Round Cover Flange
Waveguide Isolators Technical Data Sheet
PEWIR1002


Similar Part No. - PEWIR1002

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWIR1000 PASTERNACK-PEWIR1000 Datasheet
598Kb / 5P
WR-10 Waveguide Isolator from 75 GHz to 110 GHz, 25 dB min Isolation
PEWIR1001 PASTERNACK-PEWIR1001 Datasheet
598Kb / 5P
WR-12 Waveguide Isolator from 60 GHz to 90 GHz, 25 dB min Isolation
PEWIR1003 PASTERNACK-PEWIR1003 Datasheet
580Kb / 5P
WR-19 Waveguide Isolator from 40 GHz to 60 GHz, 25 dB min Isolation, UG-383/U-Mod Round Cover Flange
PEWIR1004 PASTERNACK-PEWIR1004 Datasheet
579Kb / 5P
WR-22 Waveguide Isolator from 33 GHz to 50 GHz, 25 dB min Isolation, UG-383/U Round Cover Flange
PEWIR1005 PASTERNACK-PEWIR1005 Datasheet
592Kb / 5P
WR-28 Waveguide Isolator from 26.5 GHz to 40 GHz, 25 dB min Isolation, UG-599/U Square Cover Flange
More results

Similar Description - PEWIR1002

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W75B002 PASTERNACK-PE-W75B002 Datasheet
318Kb / 2P
WR-75 Waveguide H-Bend with WR-75-BR-MB Flange Operating from 10 GHz to 15 GHz
PE12D1002 PASTERNACK-PE12D1002 Datasheet
388Kb / 4P
Waveguide Mixer Down Converter WR-15 From 50 GHz to 75 GHz, IF From DC to 18 GHz And LO Power
PE13U1002 PASTERNACK-PE13U1002 Datasheet
388Kb / 4P
Waveguide Mixer Up Converter WR-15 From 50 GHz to 75 GHz, IF From DC to 18 GHz And LO Power
PEWIR1000 PASTERNACK-PEWIR1000 Datasheet
598Kb / 5P
WR-10 Waveguide Isolator from 75 GHz to 110 GHz, 25 dB min Isolation
PEWIR1001 PASTERNACK-PEWIR1001 Datasheet
598Kb / 5P
WR-12 Waveguide Isolator from 60 GHz to 90 GHz, 25 dB min Isolation
PEWIR1003 PASTERNACK-PEWIR1003 Datasheet
580Kb / 5P
WR-19 Waveguide Isolator from 40 GHz to 60 GHz, 25 dB min Isolation, UG-383/U-Mod Round Cover Flange
PEWIR1004 PASTERNACK-PEWIR1004 Datasheet
579Kb / 5P
WR-22 Waveguide Isolator from 33 GHz to 50 GHz, 25 dB min Isolation, UG-383/U Round Cover Flange
PEWIR1005 PASTERNACK-PEWIR1005 Datasheet
592Kb / 5P
WR-28 Waveguide Isolator from 26.5 GHz to 40 GHz, 25 dB min Isolation, UG-599/U Square Cover Flange
PEWCP1054 PASTERNACK-PEWCP1054 Datasheet
408Kb / 5P
WR-75 50 dB Waveguide Crossguide Coupler, Square Cover Flange, 10 GHz to 15 GHz
PE-W15TR1001 PASTERNACK-PE-W15TR1001 Datasheet
408Kb / 3P
1 Watt Instrumentation Grade WR-15 Waveguide Load 50 GHz to 75 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com