Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEWTR1002 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PEWTR1002
Description  1 Watt Low Power Commercial Grade WR-42 Waveguide Load 18 GHz to 26.5 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWTR1002 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PEWTR1002 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWTR1002 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWTR1002 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
Typical Performance Data
1.00
1.05
1.10
1.15
1.20
1.25
1.30
1.35
1.40
1.45
1.50
18.0
19.1
20.1
21.2
22.3
23.3
24.4
25.4
26.5
GHz
VSWR
1 Watt Low Power Commercial Grade WR-42 Waveguide Load 18 GHz to 26.5 GHz from Pasternack Enterprises has same
day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: 1 Watt Low Power Commercial Grade WR-42 Waveguide Load 18 GHz to 26.5 GHz
PEWTR1002
URL: https://www.pasternack.com/1-watts-wr-42-rf-load-18-26.5-ghz-commercial-grade-pewtr1002-p.aspx
PEWTR1002 REV 1.0
PEWTR1002
1 Watt Low Power Commercial Grade
WR-42 Waveguide Load 18 GHz to 26.5 GHz
Waveguide Terminations Technical Data Sheet



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com